Electronic Components Datasheet Search
  English  ▼

X  

MAX6909 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6909
Description  I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6909 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6909 Datasheet HTML 1Page - Maxim Integrated Products MAX6909 Datasheet HTML 2Page - Maxim Integrated Products MAX6909 Datasheet HTML 3Page - Maxim Integrated Products MAX6909 Datasheet HTML 4Page - Maxim Integrated Products MAX6909 Datasheet HTML 5Page - Maxim Integrated Products MAX6909 Datasheet HTML 6Page - Maxim Integrated Products MAX6909 Datasheet HTML 7Page - Maxim Integrated Products MAX6909 Datasheet HTML 8Page - Maxim Integrated Products MAX6909 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
I2C-Compatible Real-Time Clocks with µP
Supervisor and NV RAM Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages (with respect to GND)
BATT or VCC ..........................................................-0.3V to +6.0V
OUT, ALM, SCL, SDA, CX FAIL,
PFO, RESET.......................................................-0.3V to +6.0V
All Other Pins ............................................-0.3V to (VSUP + 0.3V)
(where VSUP is greater of VBATT or VCC)
Input Current
VCC ........................................................................……500mA
BATT .............................................................................100mA
GND ................................................................................20mA
Output Current
OUT Continuous............................................................450mA
All Other Outputs ............................................................20mA
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX69__EO30 (Note 3)
2.7
3.3
Operating Voltage Range
VCC
MAX69__EO33 (Note 3)
3.0
3.6
V
MAX69__EO30 (Note 4)
2.0
3.6
Operating Voltage Range BATT
VBATT
MAX69__EO33 (Note 4)
2.0
3.6
V
VBATT = 2V, VCC = 0V
0.75
VBATT = 3V, VCC = 0V
0.95
BATT Current (Note 5)
IBATT
Crystal fail-
circuit disabled
VBATT = 3.6V, VCC = 0V
1.1
µA
VBATT = 2V, VCC = 0V
0.9
VBATT = 3V, VCC = 0V
4
Timekeeping Current (Note 5)
IBATT
Crystal fail-
circuit enabled
VBATT = 3.6V, VCC = 0V
9
µA
VCC = 3.3V, VBATT = 0V
0.14
Active Supply Current (Note 6)
ICCA
PZT disabled,
crystal-disabled
VCC = 3.6V, VBATT = 0V
0.15
mA
VCC = 3.3V, VBATT = 0V
7
Standby Current (Note 5)
ICCS
PZT disabled,
crystal-disabled
VCC = 3.6V, VBATT = 0V
7
µA
VCC = 3.3V, VBATT = 0V
18
Standby Current (Note 5)
ICCS
Crystal fail-
circuit enabled
VCC = 3.6V, VBATT = 0V
25
µA
Trickle-Charge Diode Voltage
Drop (Two Diodes)
1.2
V
R1
1.7
R2
2.8
Trickle Charge Resistors
R3
5.0
kΩ
OUT
VBATT = 3.0V, VCC = 0V, IOUT = 20mA
VBATT -
0.15
VBATT
- 0.1
OUT in Battery-Backup Mode
(Note 4)
VOUT
VBATT = 2.0V, VCC = 0V, IOUT 10mA
VBATT -
0.1
VBATT
- 0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com