Electronic Components Datasheet Search
  English  ▼

X  

DS3151 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3151
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3151 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3151 Datasheet HTML 4Page - Maxim Integrated Products DS3151 Datasheet HTML 5Page - Maxim Integrated Products DS3151 Datasheet HTML 6Page - Maxim Integrated Products DS3151 Datasheet HTML 7Page - Maxim Integrated Products DS3151 Datasheet HTML 8Page - Maxim Integrated Products DS3151 Datasheet HTML 9Page - Maxim Integrated Products DS3151 Datasheet HTML 10Page - Maxim Integrated Products DS3151 Datasheet HTML 11Page - Maxim Integrated Products DS3151 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
8 of 61
3. HARDWARE MODE AND CPU BUS MODE
The DS315x can operate in either hardware mode or CPU bus mode. In hardware mode, pulling configuration input
pins high or low does all configuration, and all status information is reported on status output pins. Internal registers
are not accessible in hardware mode. The device is configured for hardware mode when the HW pin is wired high
(HW = 1).
In CPU bus mode, most of the configuration and status pins used in hardware mode are reassigned to be address,
data, and control lines that provide a glueless interface to an 8-bit microprocessor bus. Through the CPU bus, an
external processor can access a set of internal registers. Setting configuration register bits high or low can do
configuration, and status information can be read from status register bits. Events indicated by status register bits
can also activate the interrupt output pin (INT), if configured to do so by a set of interrupt-enable bits. A few
configuration and status pins are active in hardware mode and CPU bus mode to support specialized applications,
such as protection switching. The device is configured for CPU bus mode when the HW pin is wired low (HW = 0).
With the exception of the HW pin, configuration and status pins available in hardware mode have corresponding
register bits in the CPU bus mode. The hardware mode pins and the CPU bus mode register bits have identical
names and functions, with the exception that all register bits are active high. For example, LOS is indicated by the
receiver on the
RLOS pin (active low) in hardware mode and the RLOS register bit (active high) in CPU bus mode.
The few configuration input pins that are active in CPU bus mode also have corresponding register bits. In these
cases, the actual configuration is the logical OR of pin assertion and register bit assertion. For example, the
transmitter output driver is tri-stated if the
TTS pin is asserted (i.e., low) or the TTS register bit is asserted (high).
Figure 3-1 and Figure 3-2 show block diagrams of the DS315x in hardware mode and in CPU bus mode. Table 4-A
lists the pins that are active in each mode.
Figure 3-1. Hardware Mode Block Diagram
Analog
Local
Loopback
Automatic
Gain
Control
+
Adaptive
Equalizer
ALOS
Clock &
Data
Recovery
Clock
Invert
RXPn
RXNn
TXPn
TXNn
TTSn
PRBSn
TLBOn
TCINV
TPOSn/TDATn
TCLKn
TNEGn
E3Mn
RNEGn/RLCVn
RCLKn
RPOSn/RDATn
RLOSn
RMONn
Power
Supply
TDSAn,
TDSBn
B3ZS/
HDB3
Encoder
AIS, 100100…,
PRBS Pattern
Generation
PRBS
Detector
B3ZS/HDB3
Decoder
Digital LOS
Detector
squelch
Driver
Monitor
Loopback Control
TDMn
LLBn
VDD
VSS
TJAn
TBIN
RCINV
Remote
Loopback
Global
Configuration
STSn
Output
Drivers,
Clock
Invert
RTSn
RBIN
RJAn
HW
HIZ
Digital
Local
Loopback
RLBn
RST
Clock Mux
T3MCLK E3MCLK STMCLK
Dallas
Semiconductor
DS315x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com