Electronic Components Datasheet Search
  English  ▼

X  

DS3151 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # DS3151
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3151 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button DS3151 Datasheet HTML 22Page - Maxim Integrated Products DS3151 Datasheet HTML 23Page - Maxim Integrated Products DS3151 Datasheet HTML 24Page - Maxim Integrated Products DS3151 Datasheet HTML 25Page - Maxim Integrated Products DS3151 Datasheet HTML 26Page - Maxim Integrated Products DS3151 Datasheet HTML 27Page - Maxim Integrated Products DS3151 Datasheet HTML 28Page - Maxim Integrated Products DS3151 Datasheet HTML 29Page - Maxim Integrated Products DS3151 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
26 of 61
Transmitter Power-Down. To minimize power consumption when the transmitter is not being used, assert the
TPD configuration bit (CPU bus mode only). When the transmitter is powered down, the TXP and TXN pins are put
in a high-impedance state and the transmit amplifiers are powered down.
Transmitter Jitter Generation (Intrinsic). The transmitter meets the jitter generation requirements of all
applicable standards, with or without the jitter attenuator enabled.
Transmitter Jitter Transfer. Without the jitter attenuator enabled in the transmit side, the transmitter passes jitter
through unchanged. With the jitter attenuator enabled in the transmit side, the transmitter meets the jitter transfer
requirements of all applicable telecommunication standards in Table 1-A. See Figure 9-1.
Table 7-A. DS3 Waveform Template
TIME (IN UNIT INTERVALS)
NORMALIZED AMPLITUDE EQUATION
UPPER CURVE
-0.85
≤ T ≤ -0.68
0.03
-0.68
≤ T ≤ +0.36
0.5 {1 + sin[(
π / 2)(1 + T / 0.34)]} + 0.03
0.36
≤ T ≤ 1.4
0.08 + 0.407e
-1.84(T - 0.36)
LOWER CURVE
-0.85
≤ T ≤ -0.36
-0.03
-0.36
≤ T ≤ +0.36
0.5 {1 + sin[(
π / 2)(1 + T / 0.18)]} - 0.03
0.36
≤ T ≤ 1.4
-0.03
Governing Specifications: ANSI T1.102 and Bellcore GR-499.
Table 7-B. DS3 Waveform Test Parameters and Limits
PARAMETER
SPECIFICATION
Rate
44.736Mbps (
±20ppm)
Line Code
B3ZS
Transmission Medium
Coaxial cable (AT&T 734A or equivalent)
Test Measurement Point
At the end of 0 to 450ft of coaxial cable
Test Termination
75
Ω (±1%) resistive
Pulse Amplitude
Between 0.36V and 0.85V
Pulse Shape
An isolated pulse (preceded by two zeros and
followed by one or more zeros) falls within the
curves listed in Table 7-A.
Unframed All-Ones Power Level at
22.368MHz
Between -1.8dBm and +5.7dBm
Unframed All-Ones Power Level at
44.736MHz
At least 20dB less than the power measured at
22.368MHz
Pulse Imbalance of Isolated Pulses
Ratio of positive and negative pulses must be
between 0.90 and 1.10.
Table 7-C. STS-1 Waveform Template
TIME (IN UNIT INTERVALS)
NORMALIZED AMPLITUDE EQUATIONS
UPPER CURVE
-0.85
≤ T ≤ -0.68
0.03
-0.68
≤ T ≤ +0.26
0.5 {1 + sin[(
π / 2)(1 + T / 0.34)]} + 0.03
0.26
≤ T ≤ 1.4
0.1 + 0.61e
-2.4(T - 0.26)
LOWER CURVE
-0.85
≤ T ≤ -0.36
-0.03
-0.36
≤ T ≤ +0.36
0.5 {1 + sin[(
π / 2)(1 + T / 0.18)]} - 0.03
0.36
≤ T ≤ 1.4
-0.03
Governing Specifications: Bellcore GR-253 and Bellcore GR-499 and ANSI T1.102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com