Electronic Components Datasheet Search
  English  ▼

X  

54HC244 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 54HC244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC244 Datasheet(HTML) 1 Page - Motorola, Inc

  54HC244 Datasheet HTML 1Page - Motorola, Inc 54HC244 Datasheet HTML 2Page - Motorola, Inc 54HC244 Datasheet HTML 3Page - Motorola, Inc 54HC244 Datasheet HTML 4Page - Motorola, Inc 54HC244 Datasheet HTML 5Page - Motorola, Inc 54HC244 Datasheet HTML 6Page - Motorola, Inc 54HC244 Datasheet HTML 7Page - Motorola, Inc 54HC244 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 7
© Motorola, Inc. 1997
2/97
Octal 3-State Noninverting
Buffer/Line Driver/
Line Receiver
High–Performance Silicon–Gate CMOS
The MC54/74HC244A is identical in pinout to the LS244. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
This octal noninverting buffer/line driver/line receiver is designed to be
used with 3–state memory address drivers, clock drivers, and other
bus–oriented systems. The device has noninverting outputs and two
active–low output enables.
The HC244A is similar in function to the HC240A and HC241A.
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 136 FETs or 34 Equivalent Gates
LOGIC DIAGRAM
DATA
INPUTS
A1
A2
A3
A4
B1
B2
B3
B4
17
15
13
11
8
6
4
218
16
14
12
9
7
5
3
YB4
YB3
YB2
YB1
YA4
YA3
YA2
YA1
NONINVERTING
OUTPUTS
PIN 20 = VCC
PIN 10 = GND
OUTPUT
ENABLES
ENABLE A
ENABLE B
1
19
MC54/74HC244A
PIN ASSIGNMENT
A3
A2
YB4
A1
ENABLE A
GND
YB1
A4
YB2
YB3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
YA2
B4
YA1
ENABLE B
VCC
B1
YA4
B2
YA3
B3
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A, B
YA, YB
LL
L
LH
H
HX
Z
Z = high impedance
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXADW
MC74HCXXXASD
MC74HCXXXADT
Ceramic
Plastic
SOIC
SSOP
TSSOP
DT SUFFIX
TSSOP PACKAGE
CASE 948E–02
J SUFFIX
CERAMIC PACKAGE
CASE 732–03
1
20
1
20
SD SUFFIX
SSOP PACKAGE
CASE 940C–03
1
20
1
20
1
20


Similar Part No. - 54HC244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54HC244 STMICROELECTRONICS-54HC244 Datasheet
270Kb / 12P
HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
Oct-1993
54HC244 STMICROELECTRONICS-54HC244 Datasheet
154Kb / 10P
RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
logo
Silicon Supplies
54HC244 SS-54HC244 Datasheet
627Kb / 6P
High Speed CMOS Logic
54HC244 SS-54HC244 Datasheet
444Kb / 6P
High Speed CMOS Logic
54HC244 SS-54HC244 Datasheet
298Kb / 6P
High Speed CMOS Logic
Rev 1.1 01/05/18
More results

Similar Description - 54HC244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
IN74ACT244 INTEGRAL-IN74ACT244 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
IK Semicon Co., Ltd
IN74LS244 IKSEMICON-IN74LS244 Datasheet
253Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
NLV74HC244ADTR2G ONSEMI-NLV74HC244ADTR2G Datasheet
143Kb / 9P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com