Electronic Components Datasheet Search
  English  ▼

X  

DS1553 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1553
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1553 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1553 Datasheet HTML 9Page - Maxim Integrated Products DS1553 Datasheet HTML 10Page - Maxim Integrated Products DS1553 Datasheet HTML 11Page - Maxim Integrated Products DS1553 Datasheet HTML 12Page - Maxim Integrated Products DS1553 Datasheet HTML 13Page - Maxim Integrated Products DS1553 Datasheet HTML 14Page - Maxim Integrated Products DS1553 Datasheet HTML 15Page - Maxim Integrated Products DS1553 Datasheet HTML 16Page - Maxim Integrated Products DS1553 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
13 of 20
READ CYCLE, AC CHARACTERISTICS
(VCC = 5.0V ±10%, TA = Over the operating range.)
85ns ACCESS
100ns ACCESS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
Read Cycle Time
tRC
85
100
ns
Address Access Time
tAA
85
100
ns
CE to DQ Low-Z
tCEL
5
5
ns
CE Access Time
tCEA
85
100
ns
CE Data Off Time
tCEZ
30
35
ns
OE to DQ Low-Z
tOEL
5
5
ns
OE Access Time
tOEA
45
55
ns
OE Data Off Time
tOEZ
30
35
ns
Output Hold from Address
tOH
5
5
ns
READ CYCLE, AC CHARACTERISTICS
(VCC = 3.3V ±10%, TA = Over the operating range.)
120ns
ACCESS
150ns
ACCESS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
Read Cycle Time
tRC
120
150
ns
Address Access Time
tAA
120
150
ns
CE to DQ Low-Z
tCEL
5
5
ns
CE Access Time
tCEA
120
150
ns
CE Data Off Time
tCEZ
40
50
ns
OE to DQ Low-Z
tOEL
5
5
ns
OE Access Time
tOEA
100
130
ns
OE Data Off Time
tOEZ
35
35
ns
Output Hold from Address
tOH
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com