Electronic Components Datasheet Search
  English  ▼

X  

DS1553 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1553
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1553 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1553 Datasheet HTML 1Page - Maxim Integrated Products DS1553 Datasheet HTML 2Page - Maxim Integrated Products DS1553 Datasheet HTML 3Page - Maxim Integrated Products DS1553 Datasheet HTML 4Page - Maxim Integrated Products DS1553 Datasheet HTML 5Page - Maxim Integrated Products DS1553 Datasheet HTML 6Page - Maxim Integrated Products DS1553 Datasheet HTML 7Page - Maxim Integrated Products DS1553 Datasheet HTML 8Page - Maxim Integrated Products DS1553 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
5 of 20
below VSO. RTC operation and SRAM data are maintained from the battery until VCC is returned to
nominal levels.
All control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1553 has a lithium power source that is designed to provide energy for the clock activity and
clock and RAM data retention when the VCC supply is not present. The capability of this internal power
supply is sufficient to power the DS1553 continuously for the life of the equipment in which it is
installed. For specification purposes, the life expectancy is 10 years at +25
C with the internal clock
oscillator running in the absence of VCC. Each DS1553 is shipped from Dallas Semiconductor with its
lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a
level greater than VPF, the lithium energy source is enabled for battery backup operation.
INTERNAL BATTERY MONITOR
The DS1553 constantly monitors the battery voltage of the internal battery. The Battery Low Flag (BLF)
bit of the Flags register (B4 of 1FF0h) is not writeable and should always be 0 when read. If a 1 is ever
present, an exhausted lithium energy source is indicated, and both the contents of the RTC and RAM are
questionable.
POWER-ON RESET
A temperature-compensated comparator circuit monitors the VCC level. When VCC falls to the power-fail
trip point, the RST signal (open drain) is pulled low. When VCC returns to nominal levels, the RST signal
continues to be pulled low for 40ms to 200ms. The power-on reset function is independent of the RTC
oscillator and is therefore operational whether or not the oscillator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com