Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6301ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX6301–MAX6304* low-power microprocessor
(µP) supervisory circuits provide maximum adjustability
for reset and watchdog functions. The reset threshold
can be adjusted to any voltage above 1.22V, using
external resistors. In addition, the reset and watchdog
timeout periods are adjustable using external capaci-
tors. A watchdog select pin extends the watchdog time-
out period to 500x. The reset function features immunity
to power-supply transients.
These four devices differ only in the structure of their reset
outputs (see the
Selector Guide). The MAX6301–MAX6304
are available in the space-saving 8-pin µMAX® package,
as well as 8-pin PDIP and SO packages.
Applications
Medical Equipment
Embedded Controllers
Intelligent Instruments
Critical µP Monitoring
Portable Equipment
Set-Top Boxes
Battery-Powered
Computers
Computers/Controllers
____________________________Features
o Adjustable Reset Threshold
o Adjustable Reset Timeout
o Adjustable Watchdog Timeout
o 500x Watchdog Timeout Multiplier
o 4µA Supply Current
o RESET or RESET Output Options
o Push-Pull or Open-Drain Output Options
o Guaranteed RESET Asserted At or Above
VCC = 1V (MAX6301/MAX6303)
o Power-Supply Transient Immunity
o Watchdog Function can be Disabled
o PDIP/SO/µMAX Packages Available
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
________________________________________________________________
Maxim Integrated Products
1
0.1
µF
MAX6301
MAX6302
MAX6303
MAX6304
VCC
RESET IN
VIN
CSWT
CSRT
SRT
GND
SWT
WDI
WDS
RESET
µP
I/O
RESET
(RESET)
R2
R1
RL
RL
MAX6301
ONLY
MAX6302
ONLY
8
7
6
5
1
2
3
4
WDS = 0 FOR NORMAL MODE
WDS = 1 FOR EXTENDED MODE
( ) ARE FOR MAX6302/MAX6304.
Pin Configuration
1
2
8
7
VCC
RESET (RESET)
WDI
WDS
RESET IN
GND
SRT
SWT
MAX6301
MAX6302
MAX6303
MAX6304
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
( ) ARE FOR MAX6302/MAX6304.
Typical Operating Circuit
19-1078; Rev 4; 9/10
Ordering Information
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Selector Guide
FEATURE
MAX6301
MAX6302
MAX6303
MAX6304
Active-Low
Reset
√
—
√
—
Active-High
Reset
—
√
—
√
Open-Drain
Reset Output
√√
——
Push-Pull
Reset Output
——
√√
Pin-Package
8-PDIP/SO/
µMAX
8-PDIP/SO/
µMAX
8-PDIP/SO/
µMAX
8-PDIP/SO/
µMAX
µMAX is a registered trademark of Maxim Integrated Products, Inc.
PART
TEMP RANGE
PIN-PACKAGE
MAX6301CPA
0°C to +70°C
8 PDIP
MAX6301CSA
0°C to +70°C
8 SO
MAX6301CUA
0°C to +70°C
8 µMAX
MAX6301EPA
-40°C to +85°C
8 PDIP
MAX6301ESA
-40°C to +85°C
8 SO
Devices are available in both leaded and lead(Pb)-free/RoHS-
compliant packaging. Specify lead-free by adding the “+
”
symbol at the end of the part number when ordering.


Similar Part No. - MAX6301ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301ESA MAXIM-MAX6301ESA Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results

Similar Description - MAX6301ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com