Electronic Components Datasheet Search
  English  ▼

X  

MAX6301ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6301ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ....................................................................................-0.3V to +7.0V
RESET IN, SWT, SRT ..................................-0.3V to (VCC + 0.3V)
WDI, WDS..............................................................-0.3V to +7.0V
RESET, RESET
MAX6301… .......................................................-0.3V to +7.0V
MAX6302/MAX6303/MAX6304...............-0.3V to (VCC + 0.3V)
Input Current
VCC ...............................................................................±20mA
GND..............................................................................±20mA
Output Current
RESET, RESET..............................................................±20mA
Continuous Power Dissipation (TA = +70°C)
PDIP (derate 9.09mW/°C above +70°C) ......................727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
Operating Temperature Range
MAX630_C_A ......................................................0°C to +70°C
MAX630_E_A ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...............................................................+260°C
Containing Lead (Pb)...................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6301C/MAX6303C
1.00
5.50
MAX6301E/MAX6303E
1.20
5.50
Operating Voltage Range
(Note 1)
VCC
MAX6302/MAX6304
1.31
5.50
V
Supply Current (Note 2)
ICC
No load
4.0
7.0
µA
RESET TIMER
VRESET IN falling, VCC = 5.0V
1.195
1.220
1.245
Reset Input Threshold Voltage
VTH
VRESET IN rising, VCC = 5.0V
1.240
1.265
V
Reset Input Hysteresis
VHYST
20
mV
Reset Input Leakage Current
IRESET IN
±0.01
±1
nA
VCC
≥ 4.5V, ISOURCE = 0.8mA
VCC - 0.4
VCC = 2V, ISOURCE = 0.4mA
VCC - 0.4
Reset Output-Voltage High
(MAX6302/MAX6303/MAX6304)
VOH
MAX6302/MAX6304, VCC = 1.31V,
RL = 10k
Ω
VCC -
0.3
V
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
VCC = 2V, ISINK = 1.6mA
0.4
VCC = 1V, ISINK = 50µA,
TA = 0°C to +70°C
0.3
Reset Output-Voltage Low
(MAX6301/MAX6303/MAX6304
VOL
MAX6301/
MAX6303
VCC = 1.2V, ISINK = 100µA,
TA = -40°C to +85°C
0.3
V
VCC to Reset Delay
tRD
VCC = falling at 1mV/µs
63
µs
Reset Input Pulse Width
tRI
Comparator overdrive = 50mV
26
µs
Reset Timeout Period (Note 3)
tRP
CSRT = 1500pF
2.8
4.0
5.2
ms
MAX6301, VRESET = VCC
±1
Reset Output Leakage Current
MAX6302, VRESET = VGND
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com