Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX700/MAX701/MAX702 are supervisory circuits
used to monitor the power supplies in microprocessor
(µP) and digital systems. The RESET/RESET outputs of
the MAX700/MAX701/MAX702 are guaranteed to be in
the correct state for VCC voltages down to +1V (Figure 4).
They provide excellent circuit reliability and low cost by
eliminating external components and adjustments when
used with +5V-powered circuits.
The MAX702 is the simplest part in the family. When
VCC falls to 4.65V, RESET goes low. The MAX702 also
provides a debounced manual reset input. The
MAX701 performs the same functions but has both
RESET and RESET outputs. Their primary function is to
provide a system reset. Accordingly, an active reset
signal is supplied for low supply voltages and for at
least 200ms after the supply voltage reaches its operat-
ing value.
In addition to the features of the MAX701 and MAX702,
the MAX700 provides preset or adjustable voltage
detection so thresholds other than 4.65V can be select-
ed, and adjustable hysteresis. All parts are supplied in
8-pin PDIP and Narrow SO packages in commercial
and extended temperature ranges.
Applications
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
Features
♦ Min 200ms RESET Pulse on Power-Up, Power-
Down, and During Low-Voltage Conditions
♦ Reset Threshold Factory Trimmed for +5V
Systems
♦ No External Components or Adjustments with
+5V-Powered Circuits
♦ Debounced Manual Reset Input
♦ Preset or Adjustable Voltage Detection (MAX700)
♦ Adjustable Hysteresis (MAX700)
♦ 8-Pin PDIP and Narrow SO Packages
Power-Supply Monitor with Reset
________________________________________________________________
Maxim Integrated Products
1
19-2690; Rev 2; 12/07
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
RESET
RESET
GND
1
2
8
7
VCC
CTL
SENSE
HYST
MR
DIP/SO
TOP VIEW
3
4
6
5
MAX700
RESET
RESET
GND
1
2
8
7
VCC
N.C.
N.C.
N.C.
MR
DIP/SO
3
4
6
5
MAX701
N.C.
N.C.
RESET
GND
1
2
8
7
N.C.
VCC
N.C.
MR
DIP/SO
3
4
6
5
MAX702
Pin Configurations
Ordering Information
PART*
TEMP RANGE
PIN-PACKAGE
MAX700C/D
0°C to +70°C
Dice
MAX700CPA
0°C to +70°C
8 PDIP
MAX700CSA
0°C to +70°C
8 Narrow SO
MAX700EPA
-40°C to +85°C
8 PDIP
MAX700ESA
-40°C to +85°C
8 Narrow SO
MAX701C/D
0°C to +70°C
Dice
MAX701CPA
0°C to +70°C
8 PDIP
MAX701CSA
0°C to +70°C
8 Narrow SO
MAX701EPA
-40°C to +85°C
8 PDIP
MAX701ESA
-40°C to +85°C
8 Narrow SO
MAX702C/D
0°C to +70°C
Dice
MAX702CPA
0°C to +70°C
8 PDIP
MAX702CSA
0°C to +70°C
8 Narrow SO
MAX702EPA
-40°C to +85°C
8 PDIP
MAX702ESA
-40°C to +85°C
8 Narrow SO
*
Devices in PDIP and SO packages are available in both lead-
ed and lead-free packaging. Specify lead free by adding the +
symbol at the end of the part number when ordering.


Similar Part No. - MAX700C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX700C/D MAXIM-MAX700C/D Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX700C/D MAXIM-MAX700C/D Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results

Similar Description - MAX700C/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
Power Supply Monitor with Reset
REV.0
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com