Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power-Supply Monitor with Reset
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX701
RESET Output Low
ISINK = 16mA, VCC = 5V
0.4
V
ISOURCE = 3.2mA, VCC = 4.25V
VCC -
0.4
ISOURCE = 1.6mA, VCC = 3V
VCC -
0.4
RESET Output High
ISOURCE = 0.5mA, VCC = 1.5V
VCC -
0.4
V
ISINK = 3.2mA, VCC = 4.25V
0.4
ISINK = 1.6mA, VCC = 3V
0.4
RESET Output Low
ISINK = 0.4mA, VCC = 1.5V
0.4
V
RESET Output High
ISOURCE = 3.2mA, VCC = 5V
VCC -
0.4
V
MAX702
ISINK = 3.2mA, VCC = 4.25V
0.4
ISINK = 1.6mA, VCC = 3V
0.4
RESET Output Low
ISINK = 0.4mA, VCC = 1.5V
0.4
V
RESET Output High
ISOURCE = 3.2mA, VCC = 5V
VCC -
0.4
V
MAX700 ONLY (CTL = VCC, unless otherwise noted)
SENSE Input Threshold
TA = TMIN to TMAX
1.25
1.29
1.35
V
SENSE Input Current
0.1
nA
HYST Input On-Resistance
0.5
kΩ
CTL Input Threshold
2V
CTL Pulldown Current
30
100
µA
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, CTL = GND on MAX700, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com