Electronic Components Datasheet Search
  English  ▼

X  

MAX700C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX700C/D
Description  Power-Supply Monitor with Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX700C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX700C/D Datasheet HTML 1Page - Maxim Integrated Products MAX700C/D Datasheet HTML 2Page - Maxim Integrated Products MAX700C/D Datasheet HTML 3Page - Maxim Integrated Products MAX700C/D Datasheet HTML 4Page - Maxim Integrated Products MAX700C/D Datasheet HTML 5Page - Maxim Integrated Products MAX700C/D Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Power-Supply Monitor with Reset
_______________________________________________________________________________________
5
Figure 1. MAX700 Block Diagram
RESET
1MΩ
1.29V REF
OSC
RC
R
R
COMPARATOR
RESET
GND
1
2
8
7
VCC
CTL
SENSE
HYST
150kΩ
MR
3
4
6
5
MAX700
GND
1
2
8
7
SENSE
MANUAL
RESET
BUTTON
HYST
MR
3
4
6
N.C.
N.C.
TO µP
+5V
5
MAX700
RESET
RESET
VCC
CTL
GND
1
2
8
7
SENSE
MANUAL
RESET
BUTTON
HYST
MR
3
4
6
N.C.
R1
R3
R2
VIN
TO µP
VIN 3V TO 15V
VL = LOWER VOLTAGE THRESHOLD
R1 = R2
(
VL
- 1
)
1.29
R3 =
VTR1
VU - VL
VU = UPPER VOLTAGE THRESHOLD
HYSTERESIS = VU - VL
5
MAX700
RESET
RESET
VCC
CTL
RESET
0V
0V
2V/div
2V/div
1s/div
VCC
Figure 4. Typical MAX700/MAX701/MAX702 RESET Output vs. VCC
Figure 2. MAX700 Typical Connection Diagram
Figure 3. MAX700 Connected for External Senses and
Hysteresis
Figure 4 shows the RESET output of the MAX700/
MAX701/MAX702 in the correct state for VCC voltages
down to 0V. Note the effect of the built-in hysteresis on
the trigger lever of RESET.
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com