Electronic Components Datasheet Search
  English  ▼

X  

ATX5 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ATX5
Description  NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATX5 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ATX5 Datasheet HTML 1Page - Panasonic Semiconductor ATX5 Datasheet HTML 2Page - Panasonic Semiconductor ATX5 Datasheet HTML 3Page - Panasonic Semiconductor ATX5 Datasheet HTML 4Page - Panasonic Semiconductor ATX5 Datasheet HTML 5Page - Panasonic Semiconductor ATX5 Datasheet HTML 6Page - Panasonic Semiconductor ATX5 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AXT5, 6
DIMENSIONS (Unit: mm)
• Socket and Header are mated
Mated height: 1.0 mm
Mated height: 1.2 mm
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
Socket (Mated height: 1.0 mm and 1.2 mm)
Terminal coplanarity
0.08
(Contact and clips
(soldering terminal)*)
C0.15
A
B
±0.1
0.40
±0.05
0.15
±0.03
D
Y note
Z note
0.30
±0.03
C
±0.1
General tolerance:
±0.2
Note: Since the clip (soldering terminal)* has a single-piece construction,
sections Y and Z are electrically connected.
Dimension table (mm)
Number of contacts/
dimension
A
B
C
10
4.5
1.6
3.4
12
4.9
2.0
3.8
14
5.3
2.4
4.2
16
5.7
2.8
4.6
18
6.1
3.2
5.0
20
6.5
3.6
5.4
22
6.9
4.0
5.8
24
7.3
4.4
6.2
26
7.7
4.8
6.6
28
8.1
5.2
7.0
30
8.5
5.6
7.4
32
8.9
6.0
7.8
34
9.3
6.4
8.2
36
9.7
6.8
8.6
38
10.1
7.2
9.0
40
10.5
7.6
9.4
42
10.9
8.0
9.8
44
11.3
8.4
10.2
46
11.7
8.8
10.6
48
12.1
9.2
11.0
50
12.5
9.6
11.4
54
13.3
10.4
12.2
60
14.5
11.6
13.4
64
15.3
12.4
14.2
70
16.5
13.6
15.4
80
18.5
15.6
17.4
CAD Data
Mated height/
dimension
D
1.0mm
0.97
1.2mm
1.17
Header (Mated height: 1.0 mm and 1.2 mm)
0.15
±0.03
C
±0.1
A
B
±0.1
0.40
±0.05
0.15
±0.03
D
Terminal coplanarity
0.08
(Post and clips
(soldering terminal)*)
Clip
(soldering terminal)*
General tolerance:
±0.2
Dimension table (mm)
Number of contacts/
dimension
A
B
C
10
3.8
1.6
3.2
12
4.2
2.0
3.6
14
4.6
2.4
4.0
16
5.0
2.8
4.4
18
5.4
3.2
4.8
20
5.8
3.6
5.2
22
6.2
4.0
5.6
24
6.6
4.4
6.0
26
7.0
4.8
6.4
28
7.4
5.2
6.8
30
7.8
5.6
7.2
32
8.2
6.0
7.6
34
8.6
6.4
8.0
36
9.0
6.8
8.4
38
9.4
7.2
8.8
40
9.8
7.6
9.2
42
10.2
8.0
9.6
44
10.6
8.4
10.0
46
11.0
8.8
10.4
48
11.4
9.2
10.8
50
11.8
9.6
11.2
54
12.6
10.4
12.0
60
13.8
11.6
13.2
64
14.6
12.4
14.0
70
15.8
13.6
15.2
80
17.8
15.6
17.2
CAD Data
Mated height/
dimension
D
1.0mm
0.83
1.2mm
1.01
Header
Socket
Header
Socket
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com