Electronic Components Datasheet Search
  English  ▼

X  

ATX5 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ATX5
Description  NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATX5 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ATX5 Datasheet HTML 1Page - Panasonic Semiconductor ATX5 Datasheet HTML 2Page - Panasonic Semiconductor ATX5 Datasheet HTML 3Page - Panasonic Semiconductor ATX5 Datasheet HTML 4Page - Panasonic Semiconductor ATX5 Datasheet HTML 5Page - Panasonic Semiconductor ATX5 Datasheet HTML 6Page - Panasonic Semiconductor ATX5 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AXT5, 6
EMBOSSED TAPE DIMENSIONS (Unit: mm) (Common to all sockets and headers)
• Dimension table (Unit: mm)
• Connector orientation with respect to embossed tape feeding direction
Type/Mated height
Number of contacts
Type of taping
A
B
C
D
Quantity per reel
Common for
sockets and headers:
1.0mm, 1.2mm
24 or less
Tape I
16.0
—
7.5
17.4
3,000
26 to 70
Tape I
24.0
—
11.5
25.4
3,000
80
Tape II
32.0
28.4
14.2
33.4
3,000
• Specifications for taping
(In accordance with JIS C 0806-1990. However, not applied to
the mounting-hole pitch of some connectors.)
Tape I
Tape II
• Specifications for the plastic reel
(In accordance with EIAJET-7200B.)
1.75
C
8.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
8.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Type
Direction
of tape progress
Common for F4S
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com