Electronic Components Datasheet Search
  English  ▼

X  

ATX5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ATX5
Description  NARROW-PITCH, THIN AND SLIM CONNECTOR FOR BOARD-TO-FPC CONNECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATX5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ATX5 Datasheet HTML 1Page - Panasonic Semiconductor ATX5 Datasheet HTML 2Page - Panasonic Semiconductor ATX5 Datasheet HTML 3Page - Panasonic Semiconductor ATX5 Datasheet HTML 4Page - Panasonic Semiconductor ATX5 Datasheet HTML 5Page - Panasonic Semiconductor ATX5 Datasheet HTML 6Page - Panasonic Semiconductor ATX5 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AXT5, 6
PRODUCT TYPES
Notes: 1. Order unit: For mass production: in 1-inner-box (1-reel) units
Samples for mounting check: in 50-connector units. Please contact our sales office.
Samples: Small lot orders are possible. Please contact our sales office.
2. The above part numbers are for connectors without positioning bosses, which are standard. When ordering connectors with positioning bosses, please contact our
sales office.
3. Please contact us for connectors having a number of contacts other than those listed above.
Mated height
Number of contacts
Part number
Packing
Socket
Header
Inner carton
Outer carton
1.0mm
10
AXT510124
AXT610124
3,000 pieces
6,000 pieces
12
AXT512124
AXT612124
14
AXT514124
AXT614124
16
AXT516124
AXT616124
18
AXT518124
AXT618124
20
AXT520124
AXT620124
22
AXT522124
AXT622124
24
AXT524124
AXT624124
26
AXT526124
AXT626124
28
AXT528124
AXT628124
30
AXT530124
AXT630124
32
AXT532124
AXT632124
34
AXT534124
AXT634124
36
AXT536124
AXT636124
38
AXT538124
AXT638124
40
AXT540124
AXT640124
42
AXT542124
AXT642124
44
AXT544124
AXT644124
46
AXT546124
AXT646124
48
AXT548124
AXT648124
50
AXT550124
AXT650124
54
AXT554124
AXT654124
60
AXT560124
AXT660124
64
AXT564124
AXT664124
70
AXT570124
AXT670124
80
AXT580124
AXT680124
1.2mm
10
AXT510224
AXT610224
30
AXT530224
AXT630224
40
AXT540224
AXT640224
50
AXT550224
AXT650224
80
AXT580224
AXT680224
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com