Electronic Components Datasheet Search
  English  ▼

X  

PUML1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUML1
Description  50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUML1 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUML1 Datasheet HTML 1Page - NXP Semiconductors PUML1 Datasheet HTML 2Page - NXP Semiconductors PUML1 Datasheet HTML 3Page - NXP Semiconductors PUML1 Datasheet HTML 4Page - NXP Semiconductors PUML1 Datasheet HTML 5Page - NXP Semiconductors PUML1 Datasheet HTML 6Page - NXP Semiconductors PUML1 Datasheet HTML 7Page - NXP Semiconductors PUML1 Datasheet HTML 8Page - NXP Semiconductors PUML1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PUML1_DG_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2008
2 of 12
NXP Semiconductors
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/100 mA NPN RET
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
emitter TR1
2
base TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
collector TR1
13
2
4
5
6
65
4
12
3
R2
TR1
TR2
R1
006aab253
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PUML1/DG
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 4.
Marking codes
Type number
Marking code[1]
PUML1/DG
PA*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1 (general-purpose transistor)
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
200
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com