Electronic Components Datasheet Search
  English  ▼

X  

PUML1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUML1
Description  50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUML1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PUML1 Datasheet HTML 2Page - NXP Semiconductors PUML1 Datasheet HTML 3Page - NXP Semiconductors PUML1 Datasheet HTML 4Page - NXP Semiconductors PUML1 Datasheet HTML 5Page - NXP Semiconductors PUML1 Datasheet HTML 6Page - NXP Semiconductors PUML1 Datasheet HTML 7Page - NXP Semiconductors PUML1 Datasheet HTML 8Page - NXP Semiconductors PUML1 Datasheet HTML 9Page - NXP Semiconductors PUML1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PUML1_DG_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2008
6 of 12
NXP Semiconductors
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/100 mA NPN RET
VCE =10V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 3.
TR1: DC current gain as a function of collector
current; typical values
Fig 4.
TR1: Collector current as a function of
collector-emitter voltage; typical values
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
TR1: Base-emitter saturation voltage as a
function of collector current; typical values
Fig 6.
TR1: Collector-emitter saturation voltage as a
function of collector current; typical values
006aab256
200
300
100
400
500
hFE
0
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
VCE (V)
010
8
46
2
006aaa993
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB (mA) = 0.56
0.50
0.44
0.38
0.32
0.26
0.20
0.14
0.08
0.02
006aab257
IC (mA)
10−1
103
102
110
0.5
0.9
1.3
VBEsat
(V)
0.1
(1)
(2)
(3)
006aab258
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com