Electronic Components Datasheet Search
  English  ▼

X  

PUML1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUML1
Description  50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUML1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUML1 Datasheet HTML 1Page - NXP Semiconductors PUML1 Datasheet HTML 2Page - NXP Semiconductors PUML1 Datasheet HTML 3Page - NXP Semiconductors PUML1 Datasheet HTML 4Page - NXP Semiconductors PUML1 Datasheet HTML 5Page - NXP Semiconductors PUML1 Datasheet HTML 6Page - NXP Semiconductors PUML1 Datasheet HTML 7Page - NXP Semiconductors PUML1 Datasheet HTML 8Page - NXP Semiconductors PUML1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistor and NPN Resistor-Equipped Transistor (RET) in one
SOT363 (SC-88) very small Surface-Mounted Device (SMD) plastic package.
1.2 Features
I General-purpose transistor:
N 200 mA collector current IC
I Resistor-equipped transistor:
N Built-in bias resistors
I Simplifies circuit design
I Reduces component count
I Reduces pick and place costs
I Very small SMD plastic package
I AEC-Q101 qualified
1.3 Applications
I Inverter and switches
I Low-frequency amplifier
I Driver stages
1.4 Quick reference data
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/
100 mA NPN resistor-equipped transistor
Rev. 01 — 14 July 2008
Product data sheet
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
TR1 (general-purpose transistor)
VCEO
collector-emitter voltage
open base
-
-
50
V
IC
collector current
-
-
200
mA
hFE
DC current gain
VCE =10V;
IC =2mA
210
-
340
TR2 (resistor-equipped transistor)
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
7
10
13
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PUML1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
PUML1/DG NEXPERIA-PUML1/DG Datasheet
211Kb / 13P
50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
More results

Similar Description - PUML1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ART NXP-2PD601ART Datasheet
92Kb / 10P
50 V, 100 mA NPN general-purpose transistor
Rev. 01-15 March 2007
logo
Nexperia B.V. All right...
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
50 V, 100 mA NPN general-purpose transistor
1 January 2023
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
50 V, 100 mA NPN general-purpose transistor
12 January 2022
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com