| Electronic Components Datasheet Search |
|
82551QM Datasheet(PDF) 18 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82551QM Datasheet(HTML) 18 Page - Intel Corporation |
|
18 / 120 page ![]() 82551QM — Networking Silicon 12 Datasheet 4.4 System Management Bus (SMB) Interface Signals FLCS# OUT Flash Chip Select. The Flash Chip Select pin provides an active low Flash or modem chip select signal. This signal in combination with the Modem Chip Select (MDMCS#) signal determines which device, Flash or modem, is being used. This pin should be left floating if Flash and modem functionality are not used. FLOE# OUT Flash Output Enable. This pin provides an active low output enable control (read) to the Flash memory. If the modem is enabled, this is an active low output enable (read) of the modem. This pin should be left floating if Flash and modem functionality are not used. FLWE# OUT Flash Write Enable. This pin provides an active low write enable control to the Flash memory. If the modem is enabled, this is an active low write enable to the modem. This pin should be left floating if Flash and modem functionality are not used. MDMCS# OUT Modem Chip Select. This pin provides an active low modem chip select. When it is set to 0b, the Flash port is used as a modem port; when 1b, a Flash port. This pin should be left floating if Flash and modem are not used. Table 7. System Management Bus (SMB) Interface Signals Symbol Type Name and Function SMBDATA IN OD Alert Bus Data. This signal is stable when the Alert Bus Clock signal is high. This open drain signal should be pulled high to VCC in all cases. SMBCLK IN OD Alert Bus Clock. This pin is used for the Alert Bus Clock signal. One clock pulse is generated for each data bit transferred. It is an open drain signal and should be pulled high to VCC in all cases. SMB_ALERT#/ LAN_PWR_GOOD OD Bus Alert/Main Power Good. This is a multiplexed pin used as the Bus Alert pin and Main Power Good pin. As the Bus Alert pin, it is used as an interrupt signal for a slave device on the Alert Bus. As the Main Power Good pin it indicates that the main power supply is stable. This pin must be pulled high to VCC if it is not connected. Table 6. Local Memory Interface Signals Symbol Type Name and Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |