Electronic Components Datasheet Search
  English  ▼

X  

82551QM Datasheet(PDF) 49 Page - Intel Corporation

Part # 82551QM
Description  Fast Ethernet Multifunction PCI/CardBus Controller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82551QM Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82551QM Datasheet HTML 45Page - Intel Corporation 82551QM Datasheet HTML 46Page - Intel Corporation 82551QM Datasheet HTML 47Page - Intel Corporation 82551QM Datasheet HTML 48Page - Intel Corporation 82551QM Datasheet HTML 49Page - Intel Corporation 82551QM Datasheet HTML 50Page - Intel Corporation 82551QM Datasheet HTML 51Page - Intel Corporation 82551QM Datasheet HTML 52Page - Intel Corporation 82551QM Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
Networking Silicon — 82551QM
Datasheet
43
7.0
Modem Functionality
The local port mimics the standard 8-bit interface of a modem to the host system and emulates a
16550 Universal Asynchronous Receiver/Transceiver (UART) modem interface. The modem
interface includes the following:
• 8-bit data bus: FLD7:0
• Control signals: AEN (FLCS#), MCNTSM# (FLA12), MINT (FLA11), MRING# (FLA10),
MRST (FLA9), RD# (FLOE#), and WR# (FLWE#)
• 4 address lines
7.1
PCI Address Mapping to the Modem
The modem can be accessed by the PCI bus through either I/O or memory mapping.
7.2
Modem Read and Write Cycles
Basic read/write cycles to the modem device are shown in the figure below.
Figure 13. Modem Read/Write Cycles
7.3
Modem and Preboot eXtension Environment Coexistence
The 82551QM local bus can interface with a Flash device or modem without external support.
External logic can be implemented on the circuit board to support both devices by using the
Modem Chip Select (MDMCS#) and Flash Chip Select (FLCS#) signals.
t1
t4
t2
t6
t8
t3
t7
t5
Modem AEN (CS#)
Modem Addrsess
Modem Data In / Out
Modem WE# / RD#
Modem IOCHRDY
t10
t11
t9
t6'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com