Electronic Components Datasheet Search
  English  ▼

X  

82551QM Datasheet(PDF) 39 Page - Intel Corporation

Part # 82551QM
Description  Fast Ethernet Multifunction PCI/CardBus Controller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82551QM Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82551QM Datasheet HTML 35Page - Intel Corporation 82551QM Datasheet HTML 36Page - Intel Corporation 82551QM Datasheet HTML 37Page - Intel Corporation 82551QM Datasheet HTML 38Page - Intel Corporation 82551QM Datasheet HTML 39Page - Intel Corporation 82551QM Datasheet HTML 40Page - Intel Corporation 82551QM Datasheet HTML 41Page - Intel Corporation 82551QM Datasheet HTML 42Page - Intel Corporation 82551QM Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Networking Silicon — 82551QM
Datasheet
33
Note:
Flash accesses must always be assembled or disassembled by the 82551QM whenever the access is
greater than a byte-wide access. Due to slow access times to a typical Flash and to avoid violating
PCI bus holding specifications (no more than 16 wait states inserted for any cycles that are not
system initiation cycles), the maximum data size is either one word or one byte for a read operation
and one byte only for a write operation.
Note:
In mobile applications, the MDMCS# pin enables the modem controller or Flash device.
5.7
Serial EEPROM Interface
The serial EEPROM stores configuration data for the 82551QM and is a serial in/serial out device.
The 82551QM supports either a 64-register or 256-register size EEPROM and automatically
detects the EEPROM’s size. A 256-word EEPROM device is required for a Cardbus system and
contains the CIS information. A 256-word EEPROM device is also required for a TCO enabled
system to hold the heartbeat packet. The EEPROM should operate at a frequency of at least 1 MHz.
All accesses, either read or write, are preceded by a command instruction to the device. The
address field is six bits for a 64-register EEPROM or eight bits for a 256-register EEPROM. The
end of the address field is indicated by a dummy zero bit from the EEPROM, which indicates the
entire address field has been transferred to the device. An EEPROM read instruction waveform is
shown in the figure below.
The 82551QM can also use the EEPROM for heartbeat packet transmission (systems without a
TCO controller are also supported). In these designs, the EEPROM is accessed through time
windows autonomously by the 82551QM hardware. During these time windows, the 82551QM
will respond with a PCI Retry to both EEPROM and Flash accesses.
The 82551QM performs an automatic read of five words (0h, 1h, 2h, Ah, and Dh) of the EEPROM
after the de-assertion of Reset. It may read six more words (Bh, Ch, FBh, FCh, FDh, and FEh) if
the modem bit is set in the EEPROM (word Ah, bit 0). Refer to the 82551QM/ER/IT EEPROM
Map and Programming Information for more details.
Figure 10. 64-Word EEPROM Read Instruction Waveform
A
1
A
0
EECS
EESK
EEDI
EEDO
A
5
A
4
A
2
D
15
D
0
READ OP code
A
3
A
1
A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com