Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 22Page - Microchip Technology PIC24FJ16GA Datasheet HTML 23Page - Microchip Technology PIC24FJ16GA Datasheet HTML 24Page - Microchip Technology PIC24FJ16GA Datasheet HTML 25Page - Microchip Technology PIC24FJ16GA Datasheet HTML 26Page - Microchip Technology PIC24FJ16GA Datasheet HTML 27Page - Microchip Technology PIC24FJ16GA Datasheet HTML 28Page - Microchip Technology PIC24FJ16GA Datasheet HTML 29Page - Microchip Technology PIC24FJ16GA Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 24
Preliminary
© 2008 Microchip Technology Inc.
3.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address
(Figure 3-2).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
3.1.2
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
00000h and 000200h for hard coded program execu-
tion vectors. A hardware Reset vector is provided to
redirect code execution from the default value of the
PC on device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 000000h with
the actual address for the start of code at 000002h.
PIC24F devices also have two interrupt vector tables,
located from 000004h to 0000FFh and 000100h to
0001FFh. These vector tables allow each of the many
device interrupt sources to be handled by separate
ISRs. A more detailed discussion of the interrupt vector
tables is provided in Section 6.1 “Interrupt Vector
Table”.
3.1.3
FLASH CONFIGURATION WORDS
In PIC24FJ64GA004 family devices, the top two words
of on-chip program memory are reserved for configura-
tion information. On device Reset, the configuration
information is copied into the appropriate Configuration
registers. The addresses of the Flash Configuration
Word for devices in the PIC24FJ64GA004 family are
shown in Table 3-1. Their location in the memory map
is shown with the other memory vectors in Figure 3-1.
The Configuration Words in program memory are a
compact format. The actual Configuration bits are
mapped in several different registers in the configuration
memory space. Their order in the Flash Configuration
Words do not reflect a corresponding arrangement in the
configuration space. Additional details on the device
Configuration Words are provided in Section 23.1
“Configuration Bits”.
TABLE 3-1:
FLASH CONFIGURATION
WORDS FOR PIC24FJ64GA004
FAMILY DEVICES
FIGURE 3-2:
PROGRAM MEMORY ORGANIZATION
Device
Program
Memory
(K words)
Configuration
Word
Addresses
PIC24FJ16GA
5.5
002BFCh:
002BFEh
PIC24FJ32GA
11
0057FCh:
0057FEh
PIC24FJ48GA
16
0083FCh:
0083FEh
PIC24FJ64GA
22
00ABFCh:
00ABFEh
0
8
16
PC Address
000000h
000002h
000004h
000006h
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
000001h
000003h
000005h
000007h
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com