Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 11Page - Microchip Technology PIC24FJ16GA Datasheet HTML 12Page - Microchip Technology PIC24FJ16GA Datasheet HTML 13Page - Microchip Technology PIC24FJ16GA Datasheet HTML 14Page - Microchip Technology PIC24FJ16GA Datasheet HTML 15Page - Microchip Technology PIC24FJ16GA Datasheet HTML 16Page - Microchip Technology PIC24FJ16GA Datasheet HTML 17Page - Microchip Technology PIC24FJ16GA Datasheet HTML 18Page - Microchip Technology PIC24FJ16GA Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 13
PIC24FJ64GA004 FAMILY
OSCI
9
6
30
I
ANA
Main Oscillator Input Connection.
OSCO
10
7
31
O
ANA
Main Oscillator Output Connection.
PGC1
5
2
22
I/O
ST
In-Circuit Debugger and ICSP™ Programming Clock
PGD1
4
1
21
I/O
ST
In-Circuit Debugger and ICSP Programming Data.
PGC2
22
19
9
I/O
ST
In-Circuit Debugger and ICSP Programming Clock.
PGD2
21
18
8
I/O
ST
In-Circuit Debugger and ICSP Programming Data.
PGC3
14
12
42
I/O
ST
In-Circuit Debugger and ICSP Programming Clock.
PGD3
15
11
41
I/O
ST
In-Circuit Debugger and ICSP Programming Data.
PMA0
10
7
3
I/O
ST/TTL Parallel Master Port Address Bit 0 Input (Buffered Slave
modes) and Output (Master modes).
PMA1
12
9
2
I/O
ST/TTL Parallel Master Port Address Bit 1 Input (Buffered Slave
modes) and Output (Master modes).
PMA2
—
—
27
O
—
Parallel Master Port Address (Demultiplexed Master
modes).
PMA3
—
—
38
O
—
PMA4
—
—
37
O
—
PMA5
—
—
4
O
—
PMA6
—
—
5
O
—
PMA7
—
—
13
O
—
PMA8
—
—
32
O
—
PMA9
—
—
35
O
—
PMA10
—
—
12
O
—
PMA11
—
—
—
O
—
PMA12
—
—
—
O
—
PMA13
—
—
—
O
—
PMBE
11
8
36
O
—
Parallel Master Port Byte Enable Strobe.
PMCS1
26
23
15
O
—
Parallel Master Port Chip Select 1 Strobe/Address Bit 14.
PMD0
23
20
10
I/O
ST/TTL Parallel Master Port Data (Demultiplexed Master mode) or
Address/Data (Multiplexed Master modes).
PMD1
22
19
9
I/O
ST/TTL
PMD2
21
18
8
I/O
ST/TTL
PMD3
18
15
1
I/O
ST/TTL
PMD4
17
14
44
I/O
ST/TTL
PMD5
16
13
43
I/O
ST/TTL
PMD6
15
12
42
I/O
ST/TTL
PMD7
14
11
41
I/O
ST/TTL
PMRD
24
21
11
O
—
Parallel Master Port Read Strobe.
PMWR
25
22
14
O
—
Parallel Master Port Write Strobe.
TABLE 1-2:
PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
28-Pin
SPDIP/
SSOP/SOIC
28-Pin
QFN
44-Pin
QFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
Alternative multiplexing when the I2C1SEL Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com