Electronic Components Datasheet Search
  English  ▼

X  

PIC24FJ16GA Datasheet(PDF) 42 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 42 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 38Page - Microchip Technology PIC24FJ16GA Datasheet HTML 39Page - Microchip Technology PIC24FJ16GA Datasheet HTML 40Page - Microchip Technology PIC24FJ16GA Datasheet HTML 41Page - Microchip Technology PIC24FJ16GA Datasheet HTML 42Page - Microchip Technology PIC24FJ16GA Datasheet HTML 43Page - Microchip Technology PIC24FJ16GA Datasheet HTML 44Page - Microchip Technology PIC24FJ16GA Datasheet HTML 45Page - Microchip Technology PIC24FJ16GA Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 40
Preliminary
© 2008 Microchip Technology Inc.
3.3.3
READING DATA FROM PROGRAM
MEMORY USING PROGRAM SPACE
VISIBILITY
The upper 32 Kbytes of data space may optionally be
mapped into any 16K word page of the program space.
This provides transparent access of stored constant
data from the data space without the need to use
special instructions (i.e., TBLRDL/H).
Program space access through the data space occurs if
the Most Significant bit of the data space EA is ‘1’, and
program space visibility is enabled by setting the PSV bit
in the CPU Control register (CORCON<2>). The loca-
tion of the program memory space to be mapped into the
data space is determined by the Program Space Visibil-
ity Page Address register (PSVPAG). This 8-bit register
defines any one of 256 possible pages of 16K words in
program space. In effect, PSVPAG functions as the
upper 8 bits of the program memory address, with the
15 bits of the EA functioning as the lower bits. Note that
by incrementing the PC by 2 for each program memory
word, the lower 15 bits of data space addresses directly
map to the lower 15 bits in the corresponding program
space addresses.
Data reads to this area add an additional cycle to the
instruction being executed, since two program memory
fetches are required.
Although each data space address, 8000h and higher,
maps directly into a corresponding program memory
address (see Figure 3-7), only the lower 16 bits of the
24-bit program word are used to contain the data. The
upper 8 bits of any program space locations used as
data should be programmed with ‘1111 1111’ or
‘0000 0000’ to force a NOP. This prevents possible
issues should the area of code ever be accidentally
executed.
For operations that use PSV and are executed outside
a REPEAT loop, the MOV and MOV.D instructions will
require one instruction cycle in addition to the specified
execution time. All other instructions will require two
instruction cycles in addition to the specified execution
time.
For operations that use PSV which are executed inside
a REPEAT loop, there will be some instances that
require two instruction cycles in addition to the
specified execution time of the instruction:
• Execution in the first iteration
• Execution in the last iteration
• Execution prior to exiting the loop due to an
interrupt
• Execution upon re-entering the loop after an
interrupt is serviced
Any other iteration of the REPEAT loop will allow the
instruction accessing data, using PSV, to execute in a
single cycle.
FIGURE 3-7:
PROGRAM SPACE VISIBILITY OPERATION
Note:
PSV access is temporarily disabled during
table reads/writes.
23
15
0
PSVPAG
Data Space
Program Space
0000h
8000h
FFFFh
02
000000h
800000h
010000h
018000h
When CORCON<2> = 1 and EA<15> = 1:
PSV Area
The data in the page
designated by
PSVPAG is mapped
into the upper half of
the data memory
space....
Data EA<14:0>
...while the lower 15
bits of the EA specify
an exact address
within the PSV area.
This corresponds
exactly to the same
lower 15 bits of the
actual program space
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com