Electronic Components Datasheet Search
  English  ▼

X  

915GV Datasheet(PDF) 7 Page - Intel Corporation

Part # 915GV
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GV Datasheet(HTML) 7 Page - Intel Corporation

Back Button 915GV Datasheet HTML 3Page - Intel Corporation 915GV Datasheet HTML 4Page - Intel Corporation 915GV Datasheet HTML 5Page - Intel Corporation 915GV Datasheet HTML 6Page - Intel Corporation 915GV Datasheet HTML 7Page - Intel Corporation 915GV Datasheet HTML 8Page - Intel Corporation 915GV Datasheet HTML 9Page - Intel Corporation 915GV Datasheet HTML 10Page - Intel Corporation 915GV Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 426 page
background image
R
Datasheet
7
9.1.5
RID2—Revision Identification (D2:F0)................................................ 178
9.1.6
CC—Class Code (D2:F0) ................................................................... 178
9.1.7
CLS—Cache Line Size (D2:F0).......................................................... 179
9.1.8
MLT2—Master Latency Timer (D2:F0)............................................... 179
9.1.9
HDR2—Header Type (D2:F0) ............................................................ 180
9.1.10
MMADR—Memory Mapped Range Address (D2:F0) ........................ 180
9.1.11
IOBAR—I/O Base Address (D2:F0) ................................................... 181
9.1.12
GMADR—Graphics Memory Range Address (D2:F0) ....................... 182
9.1.13
GTTADR—Graphics Translation Table Range Address (D2:F0)....... 183
9.1.14
SVID2—Subsystem Vendor Identification (D2:F0)............................. 183
9.1.15
SID2—Subsystem Identification (D2:F0)............................................ 184
9.1.16
ROMADR—Video BIOS ROM Base Address (D2:F0) ....................... 184
9.1.17
CAPPOINT—Capabilities Pointer (D2:F0) ......................................... 185
9.1.18
INTRLINE—Interrupt Line (D2:F0) ..................................................... 185
9.1.19
INTRPIN—Interrupt Pin (D2:F0) ......................................................... 185
9.1.20
MINGNT—Minimum Grant (D2:F0) .................................................... 186
9.1.21
MAXLAT—Maximum Latency (D2:F0) ............................................... 186
9.1.22
MCAPPTR—Mirror of Dev0 Capability Pointer (D2:F0)
(Mirrored_D0_34) ............................................................................... 186
9.1.23
MCAPID—Mirror of Dev0 Capability Identification (D2:F0)
(Mirrored_D0_E0) ............................................................................... 186
9.1.24
MGGC—Mirror of Dev0 GMCH Graphics Control (D2:F0)
(Mirrored_D0_52) ............................................................................... 187
9.1.25
MDEVENdev0f0—Mirror of Dev0 Device Enable (D2:F0)
(Mirrored_D0_54) ............................................................................... 187
9.1.26
BSM—Base of Stolen Memory (D2:F0).............................................. 187
9.1.27
MSAC—Multi Size Aperture Control (D2:F0) ..................................... 188
9.1.28
PMCAPID—Power Management Capabilities ID (D2:F0).................. 188
9.1.29
PMCAP—Power Management Capabilities (D2:F0) .......................... 189
9.1.30
PMCS—Power Management Control/Status (D2:F0) ........................ 190
9.1.31
SWSMI—Software SMI (D2:F0) ......................................................... 191
9.1.32
ASLE—System Display Event Register (D2:F0) ................................ 191
9.1.33
ASLS—ASL Storage (D2:F0) ............................................................. 192
10
Device 2 Function 1 (D2:F1) Configuration Registers (Intel
®
82915G/82915GV/82915GL/ 82910GL Only)................................................................. 193
10.1
Device 2 Function 1 Configuration Register Details (D2:F1) ............................. 194
10.1.1
VID2—Vendor Identification (D2:F1) .................................................. 194
10.1.2
DID2—Device Identification (D2:F1) .................................................. 194
10.1.3
PCICMD2—PCI Command (D2:F1) ................................................... 195
10.1.4
PCISTS2—PCI Status (D2:F1)........................................................... 196
10.1.5
RID2—Revision Identification (D2:F1)................................................ 197
10.1.6
CC—Class Code Register (D2:F1)..................................................... 197
10.1.7
CLS—Cache Line Size (D2:F1).......................................................... 197
10.1.8
MLT2—Master Latency Timer (D2:F1)............................................... 198
10.1.9
HDR2—Header Type Register (D2:F1).............................................. 198
10.1.10 MMADR—Memory Mapped Range Address (D2:F1) ........................ 198
10.1.11 SVID2—Subsystem Vendor Identification (D2:F1)............................. 199
10.1.12 SID2—Subsystem Identification (D2:F1)............................................ 199
10.1.13 ROMADR—Video BIOS ROM Base Address (D2:F1) ....................... 199
10.1.14 CAPPOINT—Capabilities Pointer (D2:F1) ......................................... 199
10.1.15 MINGNT—Minimum Grant Register (D2:F1)...................................... 200
10.1.16 MAXLAT—Maximum Latency (D2:F1) ............................................... 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com