Electronic Components Datasheet Search
  English  ▼

X  

915GV Datasheet(PDF) 57 Page - Intel Corporation

Part # 915GV
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GV Datasheet(HTML) 57 Page - Intel Corporation

Back Button 915GV Datasheet HTML 53Page - Intel Corporation 915GV Datasheet HTML 54Page - Intel Corporation 915GV Datasheet HTML 55Page - Intel Corporation 915GV Datasheet HTML 56Page - Intel Corporation 915GV Datasheet HTML 57Page - Intel Corporation 915GV Datasheet HTML 58Page - Intel Corporation 915GV Datasheet HTML 59Page - Intel Corporation 915GV Datasheet HTML 60Page - Intel Corporation 915GV Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 426 page
background image
Register Description
R
Datasheet
57
Figure 3-2. Register Organization (Representative of the Intel
® 82915G GMCH)
000h
VC1 (Isochronous) Port
Arbitration Controls
Reg_Org_82915G
(G)MCH-ICH6 Serial Interface
(DMI) Controls:
Analog Controls Error
Reporting Controls VC Control
(Incl. VCp)
PCI Express* Egress Port
(RCRB)
DMI Root Complex Register
Block (RCRB)
Accessed only by PCI
Express enhanced access
mechanism. 4KB block
allocated for each potential
device in root hierarchy.
PCI Express Address Range
Device 2 Range
Device 1 Range
Device 0 Range
Thermal Sensor PSB Analog
Controls (Rcomp+)
CH 0/1 Analog Controls
CH 0/1 Timing Controls
Ch 0/1 Throttling
Ch 0/1 Oranization Arviter
Controls
Device 0 MMIO Registers:
(G)MCH Control
Unused
Device 0 Configuration
Registers
Device Level Controls, PAM
EPBAR
DMI BAR
PCIEXBAR
MCHBAR
000h
0FFh
FFFh
PCI Express x16 Controls:
Analog Controls
Error Reporting Controls
VC Controls
Hot Plug/Slot Controls
Device 1 Configuration
Registers: PCI Express X16
Device Level Controls
000h
0FFh
FFFh
Unused
Device 2 Configuration
Registers: Internal Graphics
Mirror of bits needed by
graphics driver graphics
thermal controls
000h
0FFh
FFFh
Note: Diagram not to scale
0000h
3FFFh
0000 0000h
0FFF FFFFh
000h
FFFh
FFFh
NOTES:
1.
Very high level representation. Many details omitted.
2.
Inter graphics memory mapped registers are not shown.
3.
Only Device 1 use PCI Express extended configuration space.
4.
Device 0 and Device 2 use only standard PCI configuration space.
5.
Hex numbers represent address range size and not actual locations.
Table 3-1. Device Number Assignment for Internal (G)MCH Devices
(G)MCH Function
Device#
Host Bridge / DRAM Controller
Device 0
Host-to-PCI Express* Bridge (virtual P2P) (Intel
® 82915G/82915P/82915PL
(G)MCH only)
Device 1
Internal Graphics Control (82915G/82915GV/82915GL/82910GL GMCH
only)
Device 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com