Electronic Components Datasheet Search
  English  ▼

X  

915GV Datasheet(PDF) 97 Page - Intel Corporation

Part # 915GV
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GV Datasheet(HTML) 97 Page - Intel Corporation

Back Button 915GV Datasheet HTML 93Page - Intel Corporation 915GV Datasheet HTML 94Page - Intel Corporation 915GV Datasheet HTML 95Page - Intel Corporation 915GV Datasheet HTML 96Page - Intel Corporation 915GV Datasheet HTML 97Page - Intel Corporation 915GV Datasheet HTML 98Page - Intel Corporation 915GV Datasheet HTML 99Page - Intel Corporation 915GV Datasheet HTML 100Page - Intel Corporation 915GV Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 426 page
background image
MCHBAR Registers
R
Datasheet
97
Programming guide
If Channel A is empty, all of the C0DRBs are programmed with 00h.
C0DRB0 = Total memory in chA rank0 (in 32-MB increments)
C0DRB1 = Total memory in chA rank0 + chA rank1 (in 32-MB increments)
______
C1DRB0 = Total memory in chA rank0 + chA rank1 + chA rank2 + chA rank3 + chB rank0
(in 32-MB increments)
If Channel B is empty, all of the C1DRBs are programmed with the same value as C0DRB3.
Interleaved Channels Example
If channels are interleaved, corresponding ranks in opposing channels will contain the same value,
and the value programmed takes into account the fact that twice as many addresses are spanned
by this rank compared to the single channel case. With interleaved channels, a value of 01h in
C0DRB0 and a value of 01h in C1DRB0 indicate that 32 MB of DRAM has been populated in
the first rank of each channel and the top address in that rank of either channel is 64 MB.
Programming guide:
C0DRB0 = C1DRB0 = Total memory in chA rank0 (in 32-MB increments)
C0DRB1 = C1DRB1 = Total memory in chA rank0 + chA rank1 (in 32-MB increments)
______
C0DRB3 = C1DRB3 = Total memory in chA rank0 + chA rank1+ chA rank2 + chA rank3
(in 32-MB increments)
Note:
Channel A DRB3 and Channel B DRB3 must be equal for this mode, but the other DRBs may be
different.
In all modes, if a DIMM is single sided, it appears as a populated rank and an empty rank. A DRB
must be programmed appropriately for each.
Each Rank is represented by a byte. Each byte has the following format.
Bit
Access &
Default
Description
7:0
R/W
00h
Channel A DRAM Rank Boundary Address: This 8 bit value defines the upper
and lower addresses for each DRAM rank. Bits 6:2 are compared against
Address 31:27 to determine the upper address limit of a particular rank. Bits 1:0
must be 0s. Bit 7 may be programmed to a 1 in the highest DRB (DRB3) if 4 GBs
of memory is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com