Electronic Components Datasheet Search
  English  ▼

X  

9000 Datasheet(PDF) 23 Page - Intel Corporation

Part # 9000
Description  Dual-Core Intel Itanium Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9000 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 9000 Datasheet HTML 19Page - Intel Corporation 9000 Datasheet HTML 20Page - Intel Corporation 9000 Datasheet HTML 21Page - Intel Corporation 9000 Datasheet HTML 22Page - Intel Corporation 9000 Datasheet HTML 23Page - Intel Corporation 9000 Datasheet HTML 24Page - Intel Corporation 9000 Datasheet HTML 25Page - Intel Corporation 9000 Datasheet HTML 26Page - Intel Corporation 9000 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
Dual-Core Intel® Itanium® Processor 9000 and 9100 Series Datasheet
23
Electrical Specifications
2.5
System Bus Signal Quality Specifications and
Measurement Guidelines
Overshoot (or undershoot) is the absolute value of the maximum voltage above the
nominal VCTERM voltage (or below GND), as shown in Table 2-3. The overshoot/
undershoot specifications limit transitions beyond VCTERM or GND due to the fast signal
edge rates. The processor can be permanently damaged by repeated overshoot or
undershoot events on any input, output, or I/O buffer if the charge is large enough
(that is, if the overshoot/undershoot is great enough). Determining the impact of an
overshoot/undershoot condition requires knowledge of the magnitude, the pulse
duration, and the activity factor (AF).
2.5.1
Overshoot/Undershoot Magnitude
Magnitude describes the maximum potential difference between a signal and its voltage
reference level. For the processor, both are referenced to GND, as shown in Figure 2-3.
It is important to note that overshoot and undershoot conditions are separate and their
impact must be determined independently. Overshoot/undershoot magnitude levels
must observe the absolute maximum specifications listed in Table 2-13 through
Table 2-17. These specifications must not be violated at any time, regardless of bus
activity or system state. Within these specifications are threshold levels that define
different allowed pulse duration. Provided that the magnitude of the overshoot/
undershoot is within the absolute maximum specifications, the pulse magnitude,
duration, and activity factors must all be used to determine if the overshoot/
undershoot pulse is within specifications.
Figure 2-3. System Bus Signal Waveform Exhibiting Overshoot/Undershoot
000588
V
CTERM
Maximum
Absolute
Overshoot
Maximum
Absolute
Undershoot
Time-dependent
Overshoot
Time-dependent
Undershoot
V
REF
V
OL
GND
V
MIN
V
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com