Electronic Components Datasheet Search
  English  ▼

X  

9000 Datasheet(PDF) 65 Page - Intel Corporation

Part # 9000
Description  Dual-Core Intel Itanium Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9000 Datasheet(HTML) 65 Page - Intel Corporation

Back Button 9000 Datasheet HTML 61Page - Intel Corporation 9000 Datasheet HTML 62Page - Intel Corporation 9000 Datasheet HTML 63Page - Intel Corporation 9000 Datasheet HTML 64Page - Intel Corporation 9000 Datasheet HTML 65Page - Intel Corporation 9000 Datasheet HTML 66Page - Intel Corporation 9000 Datasheet HTML 67Page - Intel Corporation 9000 Datasheet HTML 68Page - Intel Corporation 9000 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
Dual-Core Intel® Itanium® Processor 9000 and 9100 Series Datasheet
65
Mechanical Specifications
4
Mechanical Specifications
This chapter provides the mechanical specifications of the Dual-Core Intel Itanium
processor 9000 and 9100 series.
4.1
Processor Package Dimensions
Figure 4-1 through Figure 4-5 provide package mechanical drawings and dimensions of
the processor. Table 4-1 and Table 4-2 provide additional details on the package
dimensions. The main components of processor package are identified in Figure 4-2. All
specified package dimensions are in millimeters.
Figure 4-1 illustrates key package mechanical features. These features enable package
integration with socket, power pod, and cooling solution.
• Vcore, Vcache, Vfixed, GND, and VID Pads: Contact pads for delivering power
and I/O signals from the voltage regulator to the processor through its substrate.
• Socket Alignment Keyways: They define package position in X and Y direction
with respect to socket for proper alignment of package pins to socket contact holes.
• Pin Shroud Alignment Keyways: They define pin shroud position in X and Y
direction with respect to processor.
• Pin 1 Indicators: Identifies package orientation with respect to socket and
motherboard.
• Integrated Heat Spreader (IHS): Enhances dissipation of heat generated by the
processor. Provides interface surface between processor and cooling solution.
• Substrate: Processor mechanical and electrical integration vehicle with the
motherboard and processor enabling components.
• Pin Field (Grid): 28 x 25 partially-filled pin field for transmitting signals to and
from processor to motherboard.
• Voltage Regulator Connector Back Plate Keyway: It defines the VR connector
back plate position in X and Y direction with respect to the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com