Electronic Components Datasheet Search
  English  ▼

X  

82910GL Datasheet(PDF) 71 Page - Intel Corporation

Part # 82910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82910GL Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82910GL Datasheet HTML 67Page - Intel Corporation 82910GL Datasheet HTML 68Page - Intel Corporation 82910GL Datasheet HTML 69Page - Intel Corporation 82910GL Datasheet HTML 70Page - Intel Corporation 82910GL Datasheet HTML 71Page - Intel Corporation 82910GL Datasheet HTML 72Page - Intel Corporation 82910GL Datasheet HTML 73Page - Intel Corporation 82910GL Datasheet HTML 74Page - Intel Corporation 82910GL Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
71
4.1.5
RID—Revision Identification (D0:F0)
PCI Device:
0
Address Offset:
08h
Default Value:
See bit description
Access:
RO
Size:
8 bits
This register contains the revision number of the (G)MCH Device 0.
Bit
Access &
Default
Description
7:0
RO
00h
Revision Identification Number (RID): This field indicates the number of times
that this device in this component has been “stepped” through the manufacturing
process. Refer to the Intel
® 82915G/82915P/82915GV/82910GL Express Chipset
Specification Update for the value of the Revision ID Register.
4.1.6
CC—Class Code (D0:F0)
PCI Device:
0
Address Offset:
09h
Default Value:
060000h
Access:
RO
Size:
24 bits
This register identifies the basic function of the device, a more specific sub-class, and a register-
specific programming interface.
Bit
Access &
Default
Description
23:16
RO
06h
Base Class Code (BCC): This is an 8-bit value that indicates the base class
code for the (G)MCH.
06h = Bridge device.
15:8
RO
00h
Sub-Class Code (SUBCC): This is an 8-bit value that indicates the category of
Bridge into which the (G)MCH falls.
00h = Host Bridge.
7:0
RO
00h
Programming Interface (PI): This is an 8-bit value that indicates the
programming interface of this device. This value does not specify a particular
register set layout and provides no practical use for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com