Electronic Components Datasheet Search
  English  ▼

X  

82910GL Datasheet(PDF) 32 Page - Intel Corporation

Part # 82910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82910GL Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82910GL Datasheet HTML 28Page - Intel Corporation 82910GL Datasheet HTML 29Page - Intel Corporation 82910GL Datasheet HTML 30Page - Intel Corporation 82910GL Datasheet HTML 31Page - Intel Corporation 82910GL Datasheet HTML 32Page - Intel Corporation 82910GL Datasheet HTML 33Page - Intel Corporation 82910GL Datasheet HTML 34Page - Intel Corporation 82910GL Datasheet HTML 35Page - Intel Corporation 82910GL Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 426 page
background image
Introduction
R
32
Datasheet
All of the above mentioned clocks are capable of tolerating Spread Spectrum clocking as defined
in the Clock Generator specification. Host, Memory, and PCI Express* x16 Graphics PLLs, and
all associated internal clocks are disabled until PWROK is asserted.
1.3.9
Power Management
(G)MCH Power Management support includes:
• PC99 suspend to DRAM support (“STR”, mapped to ACPI state S3)
• SMRAM space remapping to A0000h (128 KB)
• Supports extended SMRAM space above 256 MB, additional 1-MB TSEG from the Base of
graphics stolen memory (BSM) when enabled, and cacheable (cacheability controlled by
processor)
• ACPI Rev 1.0 compatible power management
• Supports processor states: C0, C1, C2, C3, and C4
• Supports System states: S0, S1, S3, S4, and S5
• Supports processor Thermal Management 2 (TM2)
• Microsoft Windows NT* Hardware Design Guide v1.0 compliant
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com