Electronic Components Datasheet Search
  English  ▼

X  

82910GL Datasheet(PDF) 63 Page - Intel Corporation

Part # 82910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82910GL Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82910GL Datasheet HTML 59Page - Intel Corporation 82910GL Datasheet HTML 60Page - Intel Corporation 82910GL Datasheet HTML 61Page - Intel Corporation 82910GL Datasheet HTML 62Page - Intel Corporation 82910GL Datasheet HTML 63Page - Intel Corporation 82910GL Datasheet HTML 64Page - Intel Corporation 82910GL Datasheet HTML 65Page - Intel Corporation 82910GL Datasheet HTML 66Page - Intel Corporation 82910GL Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 426 page
background image
Register Description
R
Datasheet
63
3.4
I/O Mapped Registers
The (G)MCH contains two registers that reside in the processor I/O address space
− the
Configuration Address (CONFIG_ADDRESS) Register and the Configuration Data
(CONFIG_DATA) Register. The Configuration Address Register enables/disables the
configuration space and determines what portion of configuration space is visible through the
Configuration Data window.
3.4.1
CONFIG_ADDRESS—Configuration Address Register
I/O Address:
0CF8h Accessed as a DWord
Default Value:
00000000h
Access:
R/W
Size:
32 bits
CONFIG_ADDRESS is a 32-bit register that can be accessed only as a DW. A Byte or Word
reference will "pass through" the Configuration Address Register and DMI onto the Primary PCI
bus as an I/O cycle. The CONFIG_ADDRESS register contains the Bus Number, Device
Number, Function Number, and Register Number for which a subsequent configuration access is
intended.
Bit
Access
&
Default
Description
31
R/W
0b
Configuration Enable (CFGE):
1 = Enable
0 = Disable
30:24
Reserved
23:16
R/W
00h
Bus Number: If the Bus Number is programmed to 00h the target of the
Configuration Cycle is a PCI Bus #0 agent. If this is the case and the (G)MCH is
not the target (i.e., the device number is
≥ 3 and not equal to 7), then a DMI Type
0 Configuration Cycle is generated.
If the Bus Number is non-zero, and does not fall within the ranges enumerated by
device 1’s Secondary Bus Number or Subordinate Bus Number Register, then a
DMI Type 1 Configuration Cycle is generated.
If the Bus Number is non-zero and matches the value programmed into the
Secondary Bus Number Register of device 1, a Type 0 PCI configuration cycle will
be generated on PCI Express Graphics.
If the Bus Number is non-zero, greater than the value in the Secondary Bus
Number register of device 1 and less than or equal to the value programmed into
the Subordinate Bus Number Register of device 1 a Type 1 PCI configuration
cycle will be generated on PCI Express Graphics.
This field is mapped to byte 8 [7:0] of the request header format during PCI
Express Configuration cycles and A[23:16] during the DMI Type 1 configuration
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com