Electronic Components Datasheet Search
  English  ▼

X  

82575 Datasheet(PDF) 49 Page - Intel Corporation

Part # 82575
Description  Gigabit Ethernet Controller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82575 Datasheet HTML 45Page - Intel Corporation 82575 Datasheet HTML 46Page - Intel Corporation 82575 Datasheet HTML 47Page - Intel Corporation 82575 Datasheet HTML 48Page - Intel Corporation 82575 Datasheet HTML 49Page - Intel Corporation 82575 Datasheet HTML 50Page - Intel Corporation 82575 Datasheet HTML 51Page - Intel Corporation 82575 Datasheet HTML 52Page - Intel Corporation 82575 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
43
82575 Gigabit Ethernet Controller Datasheet
6.0
Thermal
The 82575 device is specified for operation when the ambient temperature (TA) is
within the range of 0 °C to 55 °C. For information about the thermal characteristics of
the device, including operation outside this range, please refer to the 82575 Thermal
Application Note.
7.0
Electrical Specification
7.1
DC Specifications
Table 8.
DC Characteristics
Table 9.
I/O Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC(3.3) DC supply voltage on
3.3 V pins
3.00
3.30
3.60
V
VCC(1.8) DC supply voltage on
1.8 V pins
1.71
1.80
1.89
V
VCC(1.0) DC supply voltage on
1.0 V pins
0.95
1.00
1.05
V
Symbol
Parameter
Condition1
Min
Typ
Max
Units
VIH
Input high voltage
2.0
N/A
VCC(3.3)
+ 0.5
V
VIL
Input low voltage
-0.5
N/A
0.8
V
IIN
Input current
VIN = VDD(3.3) or
VSS
-15
N/A
15
μA
VOH
Output high voltage
IOH = -16 mA
VCC = Min
2.4
N/A
N/A
V
IOH = -100 μA
VCC = Min
VCC - 0.02
N/A
N/A
VOL
Output low voltage
IOL = 14 mA
VCC = Min
N/A
N/A
0.4
V
IOL = 100 μA
VCC = Min
N/A
N/A
0.2
IOZ
Off-state output
leakage current
VO = VCC or VSS
-10
N/A
10
μA
CIN2
Input capacitance
N/A
2.5
N/A
pF
PU
Internal pull-up
2.6
N/A
5.5
kΩ
VOS
Overshoot
N/A
N/A
4.0
V
VUS
Undershoot
N/A
N/A
-0.4
V
1. The input buffer also has hysteresis > 160 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com