Electronic Components Datasheet Search
  English  ▼

X  

82575 Datasheet(PDF) 57 Page - Intel Corporation

Part # 82575
Description  Gigabit Ethernet Controller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575 Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82575 Datasheet HTML 53Page - Intel Corporation 82575 Datasheet HTML 54Page - Intel Corporation 82575 Datasheet HTML 55Page - Intel Corporation 82575 Datasheet HTML 56Page - Intel Corporation 82575 Datasheet HTML 57Page - Intel Corporation 82575 Datasheet HTML 58Page - Intel Corporation 82575 Datasheet HTML 59Page - Intel Corporation 82575 Datasheet HTML 60Page - Intel Corporation 82575 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
51
82575 Gigabit Ethernet Controller Datasheet
1.
Clock is 2MHz
2.
50% duty cycle
Figure 3.
EEPROM Interface Time Diagram
7.4.2
FLASH Interface
Applicable over recommended operating range from Ta = -40C to +85C, VCC3P3 = 3.3
V, Cload = 1 TTL Gate and 16 pF (unless otherwise noted)
tSCK
SCK clock frequency
0
2
2.1
MHz
[1]
tRI
Input rise time
2.5ns
2
us
tFI
Input fall time
2.5ns
2
us
tWH
SCK high time
200
250
ns
[2]
tWL
SCK low time
200
250
ns
tCS
CS high time
250
ns
tCSS
CS setup time
250
ns
tCSH
CS hold time
250
ns
tSU
Data-in setup time
50
ns
tH
Data-in hold time
50
ns
tV
Output valid
0
200
ns
tHO
Output hold time
0
ns
tDIS
Output disable time
250
ns
CS
SCK
SI
SO
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
tCSS
tCSH
tCS
tWH
tWL
tSU
tH
tV
tHO
tDIO
Hi-Z
Hi-Z
VALID IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com