Electronic Components Datasheet Search
  English  ▼

X  

82575 Datasheet(PDF) 52 Page - Intel Corporation

Part # 82575
Description  Gigabit Ethernet Controller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 82575 Datasheet HTML 48Page - Intel Corporation 82575 Datasheet HTML 49Page - Intel Corporation 82575 Datasheet HTML 50Page - Intel Corporation 82575 Datasheet HTML 51Page - Intel Corporation 82575 Datasheet HTML 52Page - Intel Corporation 82575 Datasheet HTML 53Page - Intel Corporation 82575 Datasheet HTML 54Page - Intel Corporation 82575 Datasheet HTML 55Page - Intel Corporation 82575 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
82575 Gigabit Ethernet Controller Datasheet
46
1.8 V
837
1.0 V
755
Total
Device
Power2
2.32 W
1. Typical
conditions:
room
temperature
(TA)=25C,
nominal
voltages
and
idle
network (no traffic) at full
duplex
2. Known errata on LOs & L1
states might impact devide
power consumption
D0a--Idle Link
@1000Mbps
(SERDES)
Typ Icc (mA)1
1. Typical
conditions:
room
temperature
(TA)=25C,
nominal voltages and idle
network (no traffic) at full
duplex
3.3 V
17
1.8 V
142
1.0 V
341
Total
Device
Power2
2. Known errata on LOs & L1
states might impact devide
power consumption
0.65 W
D3cold - wake-up
enabled
D3cold-
wake
disabled
@10
Mbps
@100
Mbps
Typ Icc
(mA)
Typ Icc
(mA)
Typ Icc
(mA)
3.3 V
18
18
18
D0a--Idle Link
@100Mbps
(Copper)
LOs only
Typ Icc (mA)1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com