Electronic Components Datasheet Search
  English  ▼

X  

AD9552 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9552 Datasheet HTML 2Page - Analog Devices AD9552 Datasheet HTML 3Page - Analog Devices AD9552 Datasheet HTML 4Page - Analog Devices AD9552 Datasheet HTML 5Page - Analog Devices AD9552 Datasheet HTML 6Page - Analog Devices AD9552 Datasheet HTML 7Page - Analog Devices AD9552 Datasheet HTML 8Page - Analog Devices AD9552 Datasheet HTML 9Page - Analog Devices AD9552 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9552
Rev. C | Page 6 of 32
SERIAL CONTROL PORT
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V
Input Logic 1 Current
0.03
μA
Input Logic 0 Current
2
μA
Input Capacitance
2
pF
SCLK
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V
Input Logic 1 Current
2
μA
Input Logic 0 Current
0.03
μA
Input Capacitance
2
pF
SDIO
Input
Input Logic 1 Voltage
1.6
V
Input Logic 0 Voltage
0.5
V
Input Logic 1 Current
1
μA
Input Logic 0 Current
1
μA
Input Capacitance
2
pF
Output
Output Logic 1 Voltage
2.8
V
1 mA load current
Output Logic 0 Voltage
0.3
V
1 mA load current
SERIAL CONTROL PORT TIMING
Table 6.
Parameter
Limit
Unit
SCLK
Clock Rate, 1/tCLK
50
MHz max
Pulse Width High, tHIGH
3
ns min
Pulse Width Low, tLOW
3
ns min
SDIO to SCLK Setup, tDS
4
ns min
SCLK to SDIO Hold, tDH
0
ns min
SCLK to Valid SDIO, tDV
13
ns max
CS to SCLK Setup (tS) and Hold (tH)
0
ns min
CS Minimum Pulse Width High
6.4
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com