Electronic Components Datasheet Search
  English  ▼

X  

AD9552 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9552 Datasheet HTML 4Page - Analog Devices AD9552 Datasheet HTML 5Page - Analog Devices AD9552 Datasheet HTML 6Page - Analog Devices AD9552 Datasheet HTML 7Page - Analog Devices AD9552 Datasheet HTML 8Page - Analog Devices AD9552 Datasheet HTML 9Page - Analog Devices AD9552 Datasheet HTML 10Page - Analog Devices AD9552 Datasheet HTML 11Page - Analog Devices AD9552 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9552
Rev. C | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
Y4
2
Y5
3
A0
4
A1
5
A2
6
RESET
7
VDD
8
LDO
NOTES
1. EXPOSED DIE PAD MUST BE
CONNECTED TO GND.
24 GND
23 OUT2
22
21 VDD
20 LOCKED
19 LDO
18 VDD
17 LDO
TOP VIEW
(Not to Scale)
AD9552
OUT2
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
29, 30, 31,
32, 1, 2
Y0, Y1, Y2, Y3, Y4,
Y5
I
Control Pins. These pins select preset values for the PLL feedback divider and the OUT1
dividers based on the input reference frequency selected via the A[0:2] pins and have
internal 100 kΩ pull-up resistors.
3, 4, 5
A0, A1, A2
I
Control Pins. These pins select the input reference frequency and have internal 100 kΩ pull-
up resistors.
6
RESET
I
Digital Input, Active High. Resets internal logic to default states. This pin has an internal
100 kΩ pull-up resistor, so the default state of the device is reset.
7, 18, 21, 28
VDD
P
Power Supply Connection: 3.3 V Analog Supply.
8, 17, 19
LDO
P/O
LDO Decoupling Pins. Connect a 0.47 μF decoupling capacitor from each of these pins to
ground.
9, 10
XTAL
I
Crystal Resonator Input. Connect a crystal resonator across these pins.
11
REF
I
Reference Clock Input. Connect this pin to an active clock input signal, or connect it to VDD
when using a crystal resonator across the XTAL pins.
12
CS
I
Digital Input, Active Low, Chip Select.
13
SCLK
I
Serial Data Clock.
14
SDIO
I/O
Digital Serial Data Input/Output.
15
OUTSEL
I
Logic 0 selects LVDS and Logic 1 selects LVPECL-compatible levels for both OUT1 and OUT2
when the outputs are not under SPI port control. Can be overridden via the programming
registers. This pin has an internal 100 kΩ pull-up resistor.
16
FILTER
I/O
Loop Filter Node for the PLL. Connect an external 12 nF capacitor from this pin to Pin 17 (LDO).
20
LOCKED
O
Active High Locked Status Indicator for the PLL.
26, 22
OUT1, OUT2
O
Complementary Square Wave Clocking Outputs.
27, 23
OUT1, OUT2
O
Square Wave Clocking Outputs.
24, 25
GND
P
Analog Ground.
EP
Exposed Die Pad
The exposed die pad must be connected to GND.
1 I = input, I/O = input/output, O = output, P = power, P/O = power/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com