Electronic Components Datasheet Search
  English  ▼

X  

AD9552 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9552 Datasheet HTML 11Page - Analog Devices AD9552 Datasheet HTML 12Page - Analog Devices AD9552 Datasheet HTML 13Page - Analog Devices AD9552 Datasheet HTML 14Page - Analog Devices AD9552 Datasheet HTML 15Page - Analog Devices AD9552 Datasheet HTML 16Page - Analog Devices AD9552 Datasheet HTML 17Page - Analog Devices AD9552 Datasheet HTML 18Page - Analog Devices AD9552 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9552
Rev. C | Page 15 of 32
Y5
Y4
Y3
Y2
Y1
Y0
VCO Frequency (MHz)
Output (MHz)
1
1
0
1
1
0
3536.763
657.421875 × (255/237)
1
1
0
1
1
1
3582.686
716.5372
1
1
1
0
0
0
3593.75
718.75
1
1
1
0
0
1
3598.672
719.7344
1
1
1
0
1
0
3740.355
748.0709
1
1
1
0
1
1
3750
750
1
1
1
1
0
0
3888
777.6
1
1
1
1
0
1
3897.843
779.5686
1
1
1
1
1
0
3906.25
781.25
1
1
1
1
1
1
4028.32
625 × (10/8) × (66/64)
Reference Monitor
COMPONENT BLOCKS
The REF input includes a monitor circuit that detects signal
presence at the REF input. If the device detects a clock signal on
the REF pin, it automatically selects the REF input as the input
reference source and shuts down the crystal oscillator. This auto-
matic preference for a REF input signal is the default mode of
operation. However, the user can override the default setting via
Register 0x1D[0]. Setting this bit forces the device to override the
signal detector associated with the REF input and activates the
crystal oscillator (whether or not a REF input signal is present).
Input Reference
The AD9552 offers the following input reference options:
•
Crystal resonator connected directly across the XTAL pins
•
CMOS-compatible, single-ended clock source connected
directly to the REF pin
In the case of a crystal resonator, the AD9552 expects a crystal
with a specified load capacitance of 15 pF (default). The
AD9552 provides the load capacitance internally. The internal
load capacitance consists of a fixed component of 13 pF and a
variable (programmable) component of 0 pF to 15.75 pF.
2× Frequency Multiplier
The 2× frequency multiplier provides the option to double
the frequency delivered by either the REF or XTAL input. This
allows the user to take advantage of a higher frequency deli-
vered to the PLL, which allows for greater separation between
the frequency generated by the PLL and the associated reference
spur. However, increased reference spur separation comes at the
expense of the harmonic spurs introduced by the frequency
multiplier. As such, beneficial use of the frequency multiplier
is application specific.
After applying power to the AD9552 (or after a device reset),
the programmable component assumes a value of 2 pF. This
establishes the default load capacitance of 15 pF.
To accommodate crystals with a specified load capacitance other
than 15 pF (8 pF to 23.75 pF), the user can adjust the program-
mable capacitance in 0.25 pF increments via Register 0x1B[5:0].
Note that when the user sets Register 0x1B[7] to 0 (enabling SPI
control of the XTAL tuning capacitors), the variable capacitance
changes from 2 pF (its power-up value) to 15.75 pF due to the
default value of Register 0x1B[5:0]. This causes the crystal load
capacitance to be 23.75 pF until the user overwrites the default
contents of Register 0x1B[5:0].
PLL
The PLL consists of a phase/frequency detector (PFD), a
partially integrated analog loop filter (see Figure 20), an
integrated voltage-controlled oscillator (VCO), and a
feedback divider with an optional third-order SDM that
allows for fractional divide ratios. The PLL produces a
nominal 3.7 GHz signal that is phase-locked to the input
reference signal.
A noncomprehensive, alphabetical list of crystal manufacturers
includes the following:
•
AVX/Kyocera
•
ECS
The loop bandwidth of the PLL is nominally 50 kHz. The PFD of
the PLL drives a charge pump that automatically changes current
proportionately to the feedback divider value. This increase or
decrease in current maintains a constant loop bandwidth with
changes in the input reference or the output frequency.
•
Epson Toyocom
•
Fox Electronics
•
NDK
•
Siward
The AD9552 evaluation board functions with the NDK
NX3225SA crystal or with the Siward 571200-A258-001 crystal.
Although these crystals meet the load capacitance and motional
resistance requirements of the AD9552 according to their data
sheets, Analog Devices, Inc., does not guarantee their operation
with the AD9552, nor does Analog Devices endorse one supplier
of crystals over another.
16
EXTERNAL
LOOP FILTER
CAPACITOR
2.5k
Ω
1.25k
Ω
1.25k
Ω
2.5k
Ω
105pF
15pF
15pF
20pF
FROM
CHARGE
PUMP
TO
VCO
Figure 20. Internal Loop Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com