Electronic Components Datasheet Search
  English  ▼

X  

370 Datasheet(PDF) 58 Page - Intel Corporation

Part # 370
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

370 Datasheet(HTML) 58 Page - Intel Corporation

Back Button 370 Datasheet HTML 54Page - Intel Corporation 370 Datasheet HTML 55Page - Intel Corporation 370 Datasheet HTML 56Page - Intel Corporation 370 Datasheet HTML 57Page - Intel Corporation 370 Datasheet HTML 58Page - Intel Corporation 370 Datasheet HTML 59Page - Intel Corporation 370 Datasheet HTML 60Page - Intel Corporation 370 Datasheet HTML 61Page - Intel Corporation 370 Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
Package Mechanical Specifications and Pin Information
58
Datasheet
DSTBP[3:0]#
Input/
Output
Data strobe used to latch in D[63:0]#.
FERR#/PBE#
Output
FERR# (Floating-point Error)PBE#(Pending Break Event) is a
multiplexed signal and its meaning is qualified with STPCLK#. When
STPCLK# is not asserted, FERR#/PBE# indicates a floating point
when the processor detects an unmasked floating-point error. FERR#
is similar to the ERROR# signal on the Intel 387 coprocessor, and is
included for compatibility with systems using MS-DOS*-type
floating-point error reporting. When STPCLK# is asserted, an
assertion of FERR#/PBE# indicates that the processor has a pending
break event waiting for service. The assertion of FERR#/PBE#
indicates that the processor should be returned to the Normal state.
When FERR#/PBE# is asserted, indicating a break event, it will
remain asserted until STPCLK# is deasserted. Assertion of PREQ#
when STPCLK# is active will also cause an FERR# break event.
For additional information on the pending break event functionality,
including identification of support of the feature and enable/disable
information, refer to Volume 3 of the Intel® Architecture Software
developer’s manual and the Intel® Processor Identification and
CPUID Instruction application note.
GTLREF
Input
GTLREF determines the signal reference level for AGTL+ input pins.
GTLREF should be set at 2/3 VCCP. GTLREF is used by the AGTL+
receivers to determine if a signal is a logical 0 or logical 1.
HIT#
HITM#
Input/
Output
Input/
Output
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction
snoop operation results. Either FSB agent may assert both HIT# and
HITM# together to indicate that it requires a snoop stall, which can
be continued by reasserting HIT# and HITM# together.
IERR#
Output
IERR# (Internal Error) is asserted by a processor as the result of an
internal error. Assertion of IERR# is usually accompanied by a
SHUTDOWN transaction on the FSB. This transaction may optionally
be converted to an external error signal (e.g., NMI) by system core
logic. The processor will keep IERR# asserted until the assertion of
RESET#, BINIT#, or INIT#.
IGNNE#
Input
IGNNE# (Ignore Numeric Error) is asserted to force the processor to
ignore a numeric error and continue to execute noncontrol floating-
point instructions. If IGNNE# is deasserted, the processor generates
an exception on a noncontrol floating-point instruction if a previous
floating-point instruction caused an error. IGNNE# has no effect
when the NE bit in control register 0 (CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure recognition
of this signal following an Input/Output write instruction, it must be
valid along with the TRDY# assertion of the corresponding Input/
Output Write bus transaction.
Table 16.
Signal Description (Sheet 4 of 8)
Name
Type
Description
Signals
Associated
Strobe
D[15:0]#, DINV[0]#
DSTBP[0]#
D[31:16]#, DINV[1]#
DSTBP[1]#
D[47:32]#, DINV[2]#
DSTBP[2]#
D[63:48]#, DINV[3]#
DSTBP[3]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com