Electronic Components Datasheet Search
  English  ▼

X  

370 Datasheet(PDF) 61 Page - Intel Corporation

Part # 370
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

370 Datasheet(HTML) 61 Page - Intel Corporation

Back Button 370 Datasheet HTML 57Page - Intel Corporation 370 Datasheet HTML 58Page - Intel Corporation 370 Datasheet HTML 59Page - Intel Corporation 370 Datasheet HTML 60Page - Intel Corporation 370 Datasheet HTML 61Page - Intel Corporation 370 Datasheet HTML 62Page - Intel Corporation 370 Datasheet HTML 63Page - Intel Corporation 370 Datasheet HTML 64Page - Intel Corporation 370 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
Datasheet
61
Package Mechanical Specifications and Pin Information
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to enter
a low power Stop-Grant state. The processor issues a Stop-Grant
Acknowledge transaction, and stops providing internal clock signals
to all processor core units except the FSB and APIC units. The
processor continues to snoop bus transactions and service interrupts
while in Stop-Grant state. When STPCLK# is deasserted, the
processor restarts its internal clock to all units and resumes
execution. The assertion of STPCLK# has no effect on the bus clock;
STPCLK# is an asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor test bus
(also known as the Test Access Port).
TDI
Input
TDI (Test Data In) transfers serial test data into the processor. TDI
provides the serial input needed for JTAG specification support.
TDO
Output
TDO (Test Data Out) transfers serial test data out of the processor.
TDO provides the serial output needed for JTAG specification
support.
TEST1,
TEST2
Input
TEST1 and TEST2 must have a stuffing option of separate pull down
resistors to VSS.
THERMDA
Other
Thermal Diode Anode.
THERMDC
Other
Thermal Diode Cathode.
THERMTRIP#
Output
The processor protects itself from catastrophic overheating by use of
an internal thermal sensor. This sensor is set well above the normal
operating temperature to ensure that there are no false trips. The
processor will stop all execution when the junction temperature
exceeds approximately 125°C. This is signalled to the system by the
THERMTRIP# (Thermal Trip) pin.
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used by
debug tools.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins of both FSB agents.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
VCC
Input
Processor core power supply.
VCCA[3:0]
Input
VCCA provides isolated power for the internal processor core PLL’s.
VCCP
Input
Processor I/O power supply.
VCCQ[1:0]
Input
Quiet power supply for on die COMP circuitry. These pins should be
connected to VCCP on the motherboard. However, these connections should
enable addition of decoupling on the
VCCQ lines if necessary.
Table 16.
Signal Description (Sheet 7 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com