Electronic Components Datasheet Search
  English  ▼

X  

370 Datasheet(PDF) 60 Page - Intel Corporation

Part # 370
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

370 Datasheet(HTML) 60 Page - Intel Corporation

Back Button 370 Datasheet HTML 56Page - Intel Corporation 370 Datasheet HTML 57Page - Intel Corporation 370 Datasheet HTML 58Page - Intel Corporation 370 Datasheet HTML 59Page - Intel Corporation 370 Datasheet HTML 60Page - Intel Corporation 370 Datasheet HTML 61Page - Intel Corporation 370 Datasheet HTML 62Page - Intel Corporation 370 Datasheet HTML 63Page - Intel Corporation 370 Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Package Mechanical Specifications and Pin Information
60
Datasheet
PWRGOOD
Input
PWRGOOD (Power Good) is a processor input. The processor
requires this signal to be a clean indication that the clocks and power
supplies are stable and within their specifications. Clean implies that
the signal will remain low (capable of sinking leakage current),
without glitches, from the time that the power supplies are turned on
until they come within specification. The signal must then transition
monotonically to a high state.
The PWRGOOD signal must be supplied to the processor; it is used to
protect internal circuits against voltage sequencing issues. It should
be driven high throughout boundary scan operation.
REQ[4:0]#
Input/
Output
REQ[4:0]# (Request Command) must connect the appropriate pins
of both FSB agents. They are asserted by the current bus owner to
define the currently active transaction type. These signals are source
synchronous to ADSTB[0]#.
RESET#
Input
Asserting the RESET# signal resets the processor to a known state
and invalidates its internal caches without writing back any of their
contents. For a power-on Reset, RESET# must stay active for at least
two milliseconds after VCC and BCLK have reached their proper
specifications. On observing active RESET#, both FSB agents will
deassert their outputs within two clocks. All processor straps must be
valid within the specified setup time before RESET# is deasserted.
RS[2:0]#
Input
RS[2:0]# (Response Status) are driven by the response agent (the
agent responsible for completion of the current transaction), and
must connect the appropriate pins of both FSB agents.
RSVD
Reserved
/No
Connect
These pins are RESERVED and must be left unconnected on the
board. However, it is recommended that routing channels to these
pins on the board be kept open for possible future use.
SLP#
Input
SLP# (Sleep), when asserted in Stop-Grant state, causes the
processor to enter the Sleep state. During Sleep state, the processor
stops providing internal clock signals to all units, leaving only the
Phase-Locked Loop (PLL) still operating. Processors in this state will
not recognize snoops or interrupts. The processor will recognize only
assertion of the RESET# signal, deassertion of SLP#, and removal of
the BCLK input while in Sleep state. If SLP# is deasserted, the
processor exits Sleep state and returns to Stop-Grant state,
restarting its internal clock signals to the bus and processor core
units. If DPSLP# is asserted while in the Sleep state, the processor
will exit the Sleep state and transition to the Deep Sleep state.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously
by system logic. On accepting a System Management Interrupt, the
processor saves the current state and enter System Management
mode (SMM). An SMI Acknowledge transaction is issued, and the
processor begins program execution from the SMM handler.
If SMI# is asserted during the deassertion of RESET# the processor
will tristate its outputs.
Table 16.
Signal Description (Sheet 6 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com