Electronic Components Datasheet Search
  English  ▼

X  

353 Datasheet(PDF) 11 Page - Intel Corporation

Part # 353
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

353 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 353 Datasheet HTML 7Page - Intel Corporation 353 Datasheet HTML 8Page - Intel Corporation 353 Datasheet HTML 9Page - Intel Corporation 353 Datasheet HTML 10Page - Intel Corporation 353 Datasheet HTML 11Page - Intel Corporation 353 Datasheet HTML 12Page - Intel Corporation 353 Datasheet HTML 13Page - Intel Corporation 353 Datasheet HTML 14Page - Intel Corporation 353 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Datasheet
11
Low Power Features
2
Low Power Features
2.1
Clock Control and Low Power States
The Celeron M processor supports the AutoHALT Power-Down, Stop Grant, Sleep, Deep
Sleep states for optimal power management. See Figure 1 for a visual representation of
the processor low-power states.
2.1.1
Normal State
This is the normal operating state for the processor.
2.1.2
AutoHALT Power-Down State
AutoHALT Power-Down is a low-power state entered when the processor executes the
HALT instruction. The processor will transition to the Normal state upon the occurrence
of SMI#,INIT#, LINT[1:0] (NMI, INTR), or FSB interrupt message. RESET# will cause
the processor to immediately initialize itself.
The system can generate a STPCLK# while the processor is in the AutoHALT Power-
Down state. When the system deasserts the STPCLK# interrupt, the processor will
return execution to the HALT state. While in AutoHALT Power-Down state, the processor
will process bus snoops and interrupts.
2.1.3
Stop-Grant State
When the STPCLK# pin is asserted, the Stop-Grant state of the processor is entered 20
bus clocks after the response phase of the processor issued Stop-Grant Acknowledge
special bus cycle.
Figure 1.
Clock Control States
snoop
occurs
Stop
Grant
Normal
Sleep
HALT/
Grant
Snoop
Auto Halt
Deep
Sleep
STPCLK# asserted
SLP# asserted
SLP# deasserted
STPCLK# deasserted
snoop
serviced
HLT
instruction
snoop
serviced
snoop
occurs
DPSLP#
de-asserted
DPSLP#
asserted
STPCLK#
asserted
STPCLK#
deasserted
halt
break
V0001-04
Halt break - A20M#, INIT#, INTR, NMI, PREQ#, RESET#, SMI#, or APIC interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com