Electronic Components Datasheet Search
  English  ▼

X  

353 Datasheet(PDF) 30 Page - Intel Corporation

Part # 353
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

353 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 353 Datasheet HTML 26Page - Intel Corporation 353 Datasheet HTML 27Page - Intel Corporation 353 Datasheet HTML 28Page - Intel Corporation 353 Datasheet HTML 29Page - Intel Corporation 353 Datasheet HTML 30Page - Intel Corporation 353 Datasheet HTML 31Page - Intel Corporation 353 Datasheet HTML 32Page - Intel Corporation 353 Datasheet HTML 33Page - Intel Corporation 353 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Package Mechanical Specifications and Pin Information
30
Datasheet
NOTE: Die is centered on the Package. All dimensions in millimeters. Values shown for reference
only. Refer to Table 12 for details.
Figure 8.
Micro-FCPGA Package - Top and Side Views
35 (E)
35 (D )
P IN A 1 CORNER
E1
D1
A
1.25 M A X
(A 3)
Ø 0.32 (B )
478 places
2.03 ± 0.08
(A 1)
A2
SU BS T R A T E KEE PO U T Z O N E
DO NO T CO NT A C T P A C K A G E
IN S ID E T H IS L IN E
7 (K 1)
8 places
5 (K)
4 places
0.286
35 (E)
35 (D )
P IN A 1 CORNER
E1
D1
A
1.25 M A X
(A 3)
Ø 0.32 (B )
478 places
2.03 ± 0.08
(A 1)
A2
SU BS T R A T E KEE PO U T Z O N E
DO NO T CO NT A C T P A C K A G E
IN S ID E T H IS L IN E
7 (K 1)
8 places
5 (K)
4 places
0.286
0.286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com