Electronic Components Datasheet Search
  English  ▼

X  

L7700 Datasheet(PDF) 32 Page - Intel Corporation

Part # L7700
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7700 Datasheet(HTML) 32 Page - Intel Corporation

Back Button L7700 Datasheet HTML 28Page - Intel Corporation L7700 Datasheet HTML 29Page - Intel Corporation L7700 Datasheet HTML 30Page - Intel Corporation L7700 Datasheet HTML 31Page - Intel Corporation L7700 Datasheet HTML 32Page - Intel Corporation L7700 Datasheet HTML 33Page - Intel Corporation L7700 Datasheet HTML 34Page - Intel Corporation L7700 Datasheet HTML 35Page - Intel Corporation L7700 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
Electrical Specifications
32
Datasheet
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and cannot be altered. Individual maximum VID values are calibrated during manufacturing
such that two processors at the same frequency may have different settings within the VID range. Note
that this differs from the VID employed by the processor during a power management event (Intel Thermal
Monitor 2, Enhanced Intel SpeedStep Technology, or Enhanced Halt State).
Table 7.
Voltage and Current Specifications for the Intel Core 2 Duo Processors - Low
Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCDAM
VCC in Intel® Dynamic Acceleration Technology
Mode
0.9000
1.3000
V
1, 2
VCCHFM
VCC at High Frequency Mode (HFM)
0.9000
1.2000
V
1, 2
VCCLFM
VCC at Low Frequency Mode (LFM)
0.9000
1.0500
V
1, 2, 13
VCCSLFM
VCC at Super Low Frequency Mode (SuperLFM)
0.7500
0.9500
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.10
V
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep
0.6000
0.8000
V
1, 2
VCCDC4
VCC at Intel® Enhanced Deeper Sleep Voltage
0.5500
0.7000
V
1, 2, 13
I
CCDES
Low Voltage Processor ICC Recommended Design
Target
23
A
6
I
CC
Low Voltage ICC for the Processor
Processor
Number
Core Frequency/Voltage
L7700
L7500
L7300
1.8 GHz & VCCHFM
1.6 GHz & VCCHFM
1.4 GHz & VCCHFM
1.2 GHz & VCCLFM
0.8 GHz & VCCSLFM
23
23
23
21
14.2
A
3, 4, 5,
8, 12
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
HFM
SuperLFM
11.7
8.3
A3, 4, 12
ISLP
I
CC Sleep
HFM
SuperLFM
11.4
8.1
A3, 4, 12
IDSLP
I
CC Deep Sleep
HFM
SuperLFM
10.0
7.3
A3, 4, 12
IDPRSLP
I
CC Deeper Sleep
6.3
A
3, 4
IDC4
I
CC Intel Enhanced Deeper Sleep
4.7
A
3, 4
dICC/DT
VCC Power Supply Current Slew Rate at Processor
Package Pin
600
A/µs
7, 9
ICCA
I
CC for VCCA Supply
130
mA
ICCP
I
CC for VCC
P Supply before VCC Stable
I
CC for VCC
P Supply after VCC Stable
4.5
2.5
A
A
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com