Electronic Components Datasheet Search
  English  ▼

X  

L7700 Datasheet(PDF) 4 Page - Intel Corporation

Part # L7700
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7700 Datasheet(HTML) 4 Page - Intel Corporation

  L7700 Datasheet HTML 1Page - Intel Corporation L7700 Datasheet HTML 2Page - Intel Corporation L7700 Datasheet HTML 3Page - Intel Corporation L7700 Datasheet HTML 4Page - Intel Corporation L7700 Datasheet HTML 5Page - Intel Corporation L7700 Datasheet HTML 6Page - Intel Corporation L7700 Datasheet HTML 7Page - Intel Corporation L7700 Datasheet HTML 8Page - Intel Corporation L7700 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
4
Datasheet
Figures
1
Core Low Power States..............................................................................................12
2
Package Low Power States.........................................................................................13
3
Active VCC and ICC Loadline Intel Core 2 Duo Processors - Standard Voltage,
Low Voltage and Ultra Low Voltage and Intel Core 2 Extreme Processors |
(PSI# Not Asserted) .................................................................................................36
4
Deeper Sleep VCC and ICC Loadline Intel Core 2 Duo Processors -
Standard Voltage and Intel Core 2 Extreme Processors (PSI# Asserted)...........................37
5
Deeper Sleep VCC and ICC Loadline Intel Core 2 Duo Processor -
Low Voltage and Ultra Low Voltage (PSI# Asserted) ......................................................38
6
4-MB and Fused 2-MB Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) .................42
7
4-MB and Fused 2-MB Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) .................43
8
2-MB Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) ........................................44
9
2-MB Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) ........................................45
10 4-MB and Fused 2-MB Micro-FCBGA Processor Package Drawing (Sheet 1 of 2).................46
11 4-MB and Fused 2-MB Micro-FCBGA Processor Package Drawing (Sheet 2 of 2).................47
12 2-MB Micro-FCBGA Processor Package Drawing (Sheet 1 of 2) ........................................48
13 2-MB Micro-FCBGA Processor Package Drawing (Sheet 2 of 2) ........................................49
Tables
1
Coordination of Core Low Power States at the Package Level ..........................................13
2
Voltage Identification Definition..................................................................................23
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................27
4
FSB Pin Groups ........................................................................................................28
5
Processor Absolute Maximum Ratings..........................................................................29
6
Voltage and Current Specifications for the Intel Core 2 Duo Processors -
Standard Voltage......................................................................................................30
7
Voltage and Current Specifications for the Intel Core 2 Duo Processors -
Low Voltage.............................................................................................................32
8
Voltage and Current Specifications for the Intel Core 2 Duo -Ultra Low
Voltage Processors ...................................................................................................33
9
Voltage and Current Specifications for the Intel Core 2 Extreme Processors ......................34
10 FSB Differential BCLK Specifications ............................................................................38
11 AGTL+ Signal Group DC Specifications ........................................................................39
12 CMOS Signal Group DC Specifications..........................................................................40
13 Open Drain Signal Group DC Specifications ..................................................................40
14 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 1 of 2) ..........................................................................................................50
15 The Coordinates of the Processor Pins as Viewed from the Top of the Package
(Sheet 2 of 2) ..........................................................................................................51
16 Pin Listing by Pin Name .............................................................................................53
17 Pin Listing by Pin Number ..........................................................................................60
18 Signal Description.....................................................................................................69
19 Power Specifications for the Intel Core 2 Duo Processor - Standard Voltage......................77
20 Power Specifications for the Intel Core 2 Duo Processor - Low Voltage .............................78
21 Power Specifications for the Intel Core 2 Duo Processor - Ultra Low Voltage .....................79
22 Power Specifications for the Intel Core 2 Extreme Processor ...........................................80
23 Thermal Diode Interface ............................................................................................81
24 Thermal Diode Parameters Using Diode Model ..............................................................82
25 Thermal Diode Parameters Using Transistor Model ........................................................83
26 Thermal Diode ntrim and Diode Correction Toffset ........................................................84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com