Electronic Components Datasheet Search
  English  ▼

X  

T8300 Datasheet(PDF) 67 Page - Intel Corporation

Part # T8300
Description  Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T8300 Datasheet(HTML) 67 Page - Intel Corporation

Back Button T8300 Datasheet HTML 63Page - Intel Corporation T8300 Datasheet HTML 64Page - Intel Corporation T8300 Datasheet HTML 65Page - Intel Corporation T8300 Datasheet HTML 66Page - Intel Corporation T8300 Datasheet HTML 67Page - Intel Corporation T8300 Datasheet HTML 68Page - Intel Corporation T8300 Datasheet HTML 69Page - Intel Corporation T8300 Datasheet HTML 70Page - Intel Corporation T8300 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
Datasheet
67
Package Mechanical Specifications and Pin Information
PROCHOT#
Input/
Output
As an output, PROCHOT# (Processor Hot) will go active when the
processor temperature monitoring sensor detects that the
processor has reached its maximum safe operating temperature.
This indicates that the processor Thermal Control Circuit (TCC) has
been activated, if enabled. As an input, assertion of PROCHOT# by
the system will activate the TCC, if enabled. The TCC will remain
active until the system deasserts PROCHOT#.
By default PROCHOT# is configured as an output. The processor
must be enabled via the BIOS for PROCHOT# to be configured as
bidirectional.
PSI#
Output
Processor Power Status Indicator signal. This signal is asserted
when the processor is both in the normal state (HFM to LFM) and in
lower power states (Deep Sleep and Deeper Sleep).
PWRGOOD
Input
PWRGOOD (Power Good) is a processor input. The processor
requires this signal to be a clean indication that the clocks and
power supplies are stable and within their specifications. ‘Clean’
implies that the signal remains low (capable of sinking leakage
current), without glitches, from the time that the power supplies
are turned on until they come within specification. The signal must
then transition monotonically to a high state. PWRGOOD can be
driven inactive at any time, but clocks and power must again be
stable before a subsequent rising edge of PWRGOOD.
The PWRGOOD signal must be supplied to the processor; it is used
to protect internal circuits against voltage sequencing issues. It
should be driven high throughout boundary scan operation.
REQ[4:0]#
Input/
Output
REQ[4:0]# (Request Command) must connect the appropriate pins
of both FSB agents. They are asserted by the current bus owner to
define the currently active transaction type. These signals are
source synchronous to ADSTB[0]#.
RESET#
Input
Asserting the RESET# signal resets the processor to a known state
and invalidates its internal caches without writing back any of their
contents. For a power-on Reset, RESET# must stay active for at
least two milliseconds after VCC and BCLK have reached their
proper specifications. On observing active RESET#, both FSB
agents will deassert their outputs within two clocks. All processor
straps must be valid within the specified setup time before RESET#
is deasserted.
RS[2:0]#
Input
RS[2:0]# (Response Status) are driven by the response agent (the
agent responsible for completion of the current transaction), and
must connect the appropriate pins of both FSB agents.
RSVD
Reserved/
No
Connect
These pins are RESERVED and must be left unconnected on the
board. However, it is recommended that routing channels to these
pins on the board be kept open for possible future use.
Table 14.
Signal Description (Sheet 6 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com