Electronic Components Datasheet Search
  English  ▼

X  

T8300 Datasheet(PDF) 52 Page - Intel Corporation

Part # T8300
Description  Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T8300 Datasheet(HTML) 52 Page - Intel Corporation

Back Button T8300 Datasheet HTML 48Page - Intel Corporation T8300 Datasheet HTML 49Page - Intel Corporation T8300 Datasheet HTML 50Page - Intel Corporation T8300 Datasheet HTML 51Page - Intel Corporation T8300 Datasheet HTML 52Page - Intel Corporation T8300 Datasheet HTML 53Page - Intel Corporation T8300 Datasheet HTML 54Page - Intel Corporation T8300 Datasheet HTML 55Page - Intel Corporation T8300 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Package Mechanical Specifications and Pin Information
52
Datasheet
VCC
AF10
Power/Other
VCC
AF12
Power/Other
VCC
AF14
Power/Other
VCC
AF15
Power/Other
VCC
AF17
Power/Other
VCC
AF18
Power/Other
VCC
AF20
Power/Other
VCC
B7
Power/Other
VCC
B9
Power/Other
VCC
B10
Power/Other
VCC
B12
Power/Other
VCC
B14
Power/Other
VCC
B15
Power/Other
VCC
B17
Power/Other
VCC
B18
Power/Other
VCC
B20
Power/Other
VCC
C9
Power/Other
VCC
C10
Power/Other
VCC
C12
Power/Other
VCC
C13
Power/Other
VCC
C15
Power/Other
VCC
C17
Power/Other
VCC
C18
Power/Other
VCC
D9
Power/Other
VCC
D10
Power/Other
VCC
D12
Power/Other
VCC
D14
Power/Other
VCC
D15
Power/Other
VCC
D17
Power/Other
VCC
D18
Power/Other
VCC
E7
Power/Other
VCC
E9
Power/Other
VCC
E10
Power/Other
VCC
E12
Power/Other
VCC
E13
Power/Other
VCC
E15
Power/Other
VCC
E17
Power/Other
VCC
E18
Power/Other
VCC
E20
Power/Other
VCC
F7
Power/Other
Table 12.
Pin Listing by Pin Name
Pin Name
Pin
#
Signal
Buffer Type
Direction
VCC
F9
Power/Other
VCC
F10
Power/Other
VCC
F12
Power/Other
VCC
F14
Power/Other
VCC
F15
Power/Other
VCC
F17
Power/Other
VCC
F18
Power/Other
VCC
F20
Power/Other
VCCA
B26
Power/Other
VCCA
C26
Power/Other
VCCP
G21
Power/Other
VCCP
J6
Power/Other
VCCP
J21
Power/Other
VCCP
K6
Power/Other
VCCP
K21
Power/Other
VCCP
M6
Power/Other
VCCP
M21
Power/Other
VCCP
N6
Power/Other
VCCP
N21
Power/Other
VCCP
R6
Power/Other
VCCP
R21
Power/Other
VCCP
T6
Power/Other
VCCP
T21
Power/Other
VCCP
V6
Power/Other
VCCP
V21
Power/Other
VCCP
W21
Power/Other
VCCSENSE
AF7
Power/Other
VID[0]
AD6
CMOS
Output
VID[1]
AF5
CMOS
Output
VID[2]
AE5
CMOS
Output
VID[3]
AF4
CMOS
Output
VID[4]
AE3
CMOS
Output
VID[5]
AF3
CMOS
Output
VID[6]
AE2
CMOS
Output
VSS
A2
Power/Other
VSS
A4
Power/Other
VSS
A8
Power/Other
VSS
A11
Power/Other
VSS
A14
Power/Other
VSS
A16
Power/Other
Table 12.
Pin Listing by Pin Name
Pin Name
Pin
#
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com