Electronic Components Datasheet Search
  English  ▼

X  

T8300 Datasheet(PDF) 13 Page - Intel Corporation

Part # T8300
Description  Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T8300 Datasheet(HTML) 13 Page - Intel Corporation

Back Button T8300 Datasheet HTML 9Page - Intel Corporation T8300 Datasheet HTML 10Page - Intel Corporation T8300 Datasheet HTML 11Page - Intel Corporation T8300 Datasheet HTML 12Page - Intel Corporation T8300 Datasheet HTML 13Page - Intel Corporation T8300 Datasheet HTML 14Page - Intel Corporation T8300 Datasheet HTML 15Page - Intel Corporation T8300 Datasheet HTML 16Page - Intel Corporation T8300 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
Datasheet
13
Low Power Features
NOTES:
1.
AutoHALT or MWAIT/C1.
2.1.1
Core Low-Power State Descriptions
2.1.1.1
Core C0 State
This is the normal operating state for cores in the processor.
2.1.1.2
Core C1/AutoHALT Power-Down State
C1/AutoHALT is a low-power state entered when a core executes the HALT instruction.
The processor core will transition to the C0 state upon occurrence of SMI#, INIT#,
LINT[1:0] (NMI, INTR), or FSB interrupt messages. RESET# will cause the processor to
immediately initialize itself.
A System Management Interrupt (SMI) handler will return execution to either Normal
state or the AutoHALT power-down state. See the Intel® 64 and IA-32 Architectures
Software Developer's Manuals, Volume 3A/3B: System Programmer's Guide for more
information.
The system can generate a STPCLK# while the processor is in the AutoHALT power-
down state. When the system deasserts the STPCLK# interrupt, the processor will
return execution to the HALT state.
Figure 2.
Package Low-Power States
Table 1.
Coordination of Core Low-Power States at the Package Level
Package State
Core 1 State
Core 0 State
C0C1C2C3
C4/C6
C0
Normal
Normal
Normal
Normal
Normal
C11
Normal
Normal
Normal
Normal
Normal
C2
Normal
Normal
Stop-Grant
Stop-Grant
Stop-Grant
C3
Normal
Normal
Stop-Grant
Deep Sleep
Deep Sleep
C4/C6
Normal
Normal
Stop-Grant
Deep Sleep
Deeper Sleep/Intel®
Enhanced Deeper Sleep/
Intel® Deep Power-Down
Stop
Grant
Snoop
Normal
Stop
Grant
Deep
Sleep
STPCLK# asserted
Snoop
serviced
Snoop
occurs
Deeper
Sleep
†
Sleep
SLP# asserted
SLP# de-asserted
DPSLP# asserted
DPSLP# de-asserted
DPRSTP# de-asserted
DPRSTP# asserted
STPCLK# de-asserted
† — Deeper Sleep includes the Deeper Sleep state, Intel Enhanced Deeper Sleep state, and C6 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com