Electronic Components Datasheet Search
  English  ▼

X  

E6540 Datasheet(PDF) 7 Page - Intel Corporation

Part # E6540
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6540 Datasheet(HTML) 7 Page - Intel Corporation

Back Button E6540 Datasheet HTML 3Page - Intel Corporation E6540 Datasheet HTML 4Page - Intel Corporation E6540 Datasheet HTML 5Page - Intel Corporation E6540 Datasheet HTML 6Page - Intel Corporation E6540 Datasheet HTML 7Page - Intel Corporation E6540 Datasheet HTML 8Page - Intel Corporation E6540 Datasheet HTML 9Page - Intel Corporation E6540 Datasheet HTML 10Page - Intel Corporation E6540 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Datasheet
7
Revision History
Revision
Number
Description
Date
-001
• Initial release
July 2006
-002
• Corrected L1 Cache information
September 2006
-003
•Added Intel® Core™2 Duo Desktop Processor E4300 information
• Updated Table 5, DC Voltage and Current Specification
• Added Section 2.3, PECI DC Specifications
• Updated Section 5.3, Platform Environment Control Interface (PECI)
• Updated Section 7.1.2, Boxed Processor Fan Heatsink Weight
• Updated Table 37, Fan Heatsink Power and Signal Specifications
• Added Section 7.3.2, Fan Speed Control Operation Intel® Core2 Extreme Processor
X6800 Only) and Section 7.3.3, Fan Speed Control Operation (Intel® Core2 Duo Desktop
Processor E6000 and E4000 Sequences Only)
January 2007
-004
• Added Intel® Core™2 Duo Desktop Processor E6420, E6320, and E4400 information
April 2007
-005
•Added Intel® Core™2 Duo Desktop Processor E6850, E6750, E6550, E6540, and E4500
information.
• Added specifications for 1333 MHz FSB.
• Added support for Extended Stop Grant State, Extended Stop Grant Snoop States.
• Added new thermal profile table and figure.
July 2007
-006
• Added Intel® Core™2 Duo Desktop Processor E4400 with CPUID = 065Dh.
August 2007
-007
• Added Intel® Core™2 Duo Desktop Processor E4600
October 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com