Electronic Components Datasheet Search
  English  ▼

X  

E6540 Datasheet(PDF) 22 Page - Intel Corporation

Part # E6540
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6540 Datasheet(HTML) 22 Page - Intel Corporation

Back Button E6540 Datasheet HTML 18Page - Intel Corporation E6540 Datasheet HTML 19Page - Intel Corporation E6540 Datasheet HTML 20Page - Intel Corporation E6540 Datasheet HTML 21Page - Intel Corporation E6540 Datasheet HTML 22Page - Intel Corporation E6540 Datasheet HTML 23Page - Intel Corporation E6540 Datasheet HTML 24Page - Intel Corporation E6540 Datasheet HTML 25Page - Intel Corporation E6540 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
Electrical Specifications
22
Datasheet
Table 6.
VCC Static and Transient Tolerance for Processors with 4 MB L2 Cache
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
NOTES:
1. The loadline specification includes both static and transient limits except for overshoot allowed
as shown in Section 2.6.3.
2. This table is intended to aid in reading discrete points on Figure 1.
3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE
lands. Voltage regulation feedback for voltage regulator circuits must be taken from processor
VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery
Design Guidelines For Desktop LGA775 Socket for socket loadline guidelines and VR
implementation details.
4. Adherence to this loadline specification is required to ensure reliable processor operation.
Maximum Voltage
1.30 mΩ
Typical Voltage
1.425 mΩ
Minimum Voltage
1.55 mΩ
0
0.000
-0.019
-0.038
5
-0.007
-0.026
-0.046
10
-0.013
-0.033
-0.054
15
-0.020
-0.040
-0.061
20
-0.026
-0.048
-0.069
25
-0.033
-0.055
-0.077
30
-0.039
-0.062
-0.085
35
-0.046
-0.069
-0.092
40
-0.052
-0.076
-0.100
45
-0.059
-0.083
-0.108
50
-0.065
-0.090
-0.116
55
-0.072
-0.097
-0.123
60
-0.078
-0.105
-0.131
65
-0.085
-0.112
-0.139
70
-0.091
-0.119
-0.147
75
-0.098
-0.126
-0.154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com