Electronic Components Datasheet Search
  English  ▼

X  

E6540 Datasheet(PDF) 97 Page - Intel Corporation

Part # E6540
Description  Core2 Extreme Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6540 Datasheet(HTML) 97 Page - Intel Corporation

Back Button E6540 Datasheet HTML 93Page - Intel Corporation E6540 Datasheet HTML 94Page - Intel Corporation E6540 Datasheet HTML 95Page - Intel Corporation E6540 Datasheet HTML 96Page - Intel Corporation E6540 Datasheet HTML 97Page - Intel Corporation E6540 Datasheet HTML 98Page - Intel Corporation E6540 Datasheet HTML 99Page - Intel Corporation E6540 Datasheet HTML 100Page - Intel Corporation E6540 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
Datasheet
97
Features
The system can generate a STPCLK# while the processor is in the HALT powerdown
state. When the system de-asserts the STPCLK# interrupt, the processor will return
execution to the HALT state.
While in HALT Power powerdown, the processor processes bus snoops.
6.2.2.2
Extended HALT Powerdown State
Extended HALT is a low power state entered when all processor cores have executed
the HALT or MWAIT instructions and Extended HALT has been enabled via the BIOS.
When one of the processor cores executes the HALT instruction, that logical processor
is halted; however, the other processor continues normal operation. The Extended
HALT Powerdown state must be enabled via the BIOS for the processor to remain within
its specification.
The processor automatically transitions to a lower frequency and voltage operating
point before entering the Extended HALT state. Note that the processor FSB frequency
is not altered; only the internal core frequency is changed. When entering the low
power state, the processor first switches to the lower bus ratio and then transitions to
the lower VID.
While in Extended HALT state, the processor processes bus snoops.
The processor exits the Extended HALT state when a break event occurs. When the
processor exits the Extended HALT state, it will resume operation at the lower
frequency, transitions the VID to the original value and then changes the bus ratio back
to the original value.
6.2.3
Stop Grant and Extended Stop Grant States
The processor supports the Stop Grant and Extended Stop Grant states. The Extended
Stop Grant state is a feature that must be configured and enabled via the BIOS. Refer
to the following sections for details about the Stop Grant and Extended Stop Grant
states.
6.2.3.1
Stop Grant State
When the STPCLK# signal is asserted, the Stop Grant state of the processor is entered
20 bus clocks after the response phase of the processor-issued Stop Grant
Acknowledge special bus cycle.
Since the GTL+ signals receive power from the FSB, these signals should not be driven
(allowing the level to return to VTT) for minimum power drawn by the termination
resistors in this state. In addition, all other input signals on the FSB should be driven to
the inactive state.
RESET# causes the processor to immediately initialize itself, but the processor will stay
in Stop Grant state. A transition back to the Normal state occurs with the de-assertion
of the STPCLK# signal.
A transition to the Grant Snoop state occurs when the processor detects a snoop on the
FSB (see Section 6.2.4).
While in the Stop Grant State, SMI#, INIT#, and LINT[1:0] is latched by the processor,
and only serviced when the processor returns to the Normal State. Only one occurrence
of each event will be recognized upon return to the Normal state.
While in Stop Grant state, the processor processes a FSB snoop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com